Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7022DM Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS7022DM
Description  10 BASE-T NETWORK COMPONENTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS7022DM Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS7022DM Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N:TS7022DM DATA SHEET
Feature
!
Designed for use with 10 Base-T PHY transceivers.
!
Conforms to IEEE 802.3 standards.
!
Single port designs available with and without common mode
chokes.
!
Through-hole and surface mount packaging.
!
Operation temperature range:-40
°C to +85°C.
!
Storage temperature range: -40℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio(±3%)
Part
Number
TX
RX
OCL
(uH Min)
HI-POT
(Vrms)
TS7022DM
2CT 1
1CT:1CT
80
2000
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
CMR
(dB Min)
Part
Number
1-10MHz
5-10MHz
1-10MHz
10-30MHz
100MHz
TS7022DM
-1.0
-18
-40
-40
-30
Schematic
Mechanical
Bothhandusa.com
10 BASE-T NETWORK COMPONENTS
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - TS7022DM

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS7022 BOTHHAND-TS7022 Datasheet
260Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7022A BOTHHAND-TS7022A Datasheet
224Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
TS7022B BOTHHAND-TS7022B Datasheet
201Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7022BM BOTHHAND-TS7022BM Datasheet
265Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7022C BOTHHAND-TS7022C Datasheet
519Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
More results

Similar Description - TS7022DM

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0556-2006-24 BEL-0556-2006-24 Datasheet
246Kb / 2P
10BASE-T NETWORK COMPONENTS FILTER MODULES
S553-3873-17 BEL-S553-3873-17 Datasheet
388Kb / 2P
10BASE-T NETWORK COMPONENTS
logo
Bothhand USA, LP.
40ST8054M BOTHHAND-40ST8054M Datasheet
317Kb / 1P
10 BASE-T NETWORK COMPONENTS
TA200-25B BOTHHAND-TA200-25B Datasheet
281Kb / 1P
10 BASE-T NETWORK COMPONENTS
logo
XFMRS Inc.
X2006CRS XFMRS-X2006CRS_15 Datasheet
72Kb / 1P
10 BASE - T FILTER
X200667D XFMRS-X200667D_15 Datasheet
57Kb / 1P
10 BASE T Magnetics
XF2006CE XFMRS-XF2006CE_15 Datasheet
53Kb / 1P
10 BASE - T FILTER
XF2006CE1 XFMRS-XF2006CE1_15 Datasheet
53Kb / 1P
10 BASE - T FILTER
XF2006CEIT XFMRS-XF2006CEIT_15 Datasheet
64Kb / 1P
10 BASE - T FILTER
XF4664S4 XFMRS-XF4664S4_15 Datasheet
91Kb / 1P
10 BASE - T FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com