Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B85111 Datasheet(PDF) 13 Page - EPCOS

Part # B85111
Description  EMC filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85111 Datasheet(HTML) 13 Page - EPCOS

Back Button B85111 Datasheet HTML 7Page - EPCOS B85111 Datasheet HTML 8Page - EPCOS B85111 Datasheet HTML 9Page - EPCOS B85111 Datasheet HTML 10Page - EPCOS B85111 Datasheet HTML 11Page - EPCOS B85111 Datasheet HTML 12Page - EPCOS B85111 Datasheet HTML 13Page - EPCOS B85111 Datasheet HTML 14Page - EPCOS B85111 Datasheet HTML 15Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
1-line filter components
Feedthrough capacitors
B85121A*A630, A101, A201
∅ 55 mm, 63 … 200 A
Dimensional drawing
A/F 41
55±1
8
15+1
Marking
1
2
SSB1272-U-E
Thread
Tightening torque
M6
3 +0.5 Nm
M8
5 +0.5 Nm
M10
8 +2
Nm
M27
× 1.5 16 +2 Nm
M32
× 1.5 24 +2.5 Nm
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com