Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B85321 Datasheet(PDF) 3 Page - EPCOS

Part # B85321
Description  EMC filters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85321 Datasheet(HTML) 3 Page - EPCOS

  B85321 Datasheet HTML 1Page - EPCOS B85321 Datasheet HTML 2Page - EPCOS B85321 Datasheet HTML 3Page - EPCOS B85321 Datasheet HTML 4Page - EPCOS B85321 Datasheet HTML 5Page - EPCOS B85321 Datasheet HTML 6Page - EPCOS B85321 Datasheet HTML 7Page - EPCOS B85321 Datasheet HTML 8Page - EPCOS B85321 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1-line filters
Feedthrough components
General
Feedthrough components from EPCOS are used for EMI suppression of all electrical installations
and equipment. This new type series is also outstandingly well suited for telephone exchanges and
base stations. Thanks to broadband EMI suppression up to the GHz range, it prevents external in­
terference pulses being transmitted to the inside of the equipment via the supply network and vice­
versa.
The essential features of this new type series are its modular design and the solder-free contacting
technology developed by EPCOS with the aid of mesh contact.
Mesh contact technology permits uniform concentric contacting of the MKP capacitor winding and
avoids the thermal stress associated with soldering. The result is an even higher insertion loss, a
high insulation resistance and a particularly compact case.
The modular system used in this new technology for feedthrough capacitors and filters allows the
cost-effective implementation of a wide range of standard types. Other capacitance values can also
be supplied for special applications upon request.
Feedthrough components fitted
into a shielding wall.
In feedthrough capacitors, the conductor carrying the operating current is connected concentrically
to one electrode and is run centrally through the capacitor. The other electrode is contacted con­
centrically to the capacitor case.
Feedthrough capacitors are dimensioned so that they perform well from low frequencies to far above
300 MHz. The capacitor element with low inductance contacted securely on the face side is
incorporated in a metal case provided with a screw thread.
The feedthrough filters are constructed in a
π-circuit. They consist of two identical capacitative
transverse elements and an inductive longitudinal element. The concentric layout of the compon­
ents allows high insertion loss values to be attained in a frequency range to above 1 GHz.
Safety note
Feedthrough components with high capacitances require the implementation of safety measures in
line with the applicable specifications! (See also Chapter “Mounting instructions”.)
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com