Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M13 Datasheet(PDF) 3 Page - EPCOS

Part # M13
Description  Ferrites and accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

M13 Datasheet(HTML) 3 Page - EPCOS

  M13 Datasheet HTML 1Page - EPCOS M13 Datasheet HTML 2Page - EPCOS M13 Datasheet HTML 3Page - EPCOS M13 Datasheet HTML 4Page - EPCOS M13 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
M13
SIFERRIT materials
Complex permeability
versus frequency
(measured on R10 toroids, B
≤0.25 mT)
Dynamic magnetization curves
(typical values)
(f = 10 kHz, T = 25 °C)
Initial permeability
μ
i and relative loss factor
tan
δ/μ
i versus temperature
(measured on R25 toroids, B
≤0.25 mT)
Dynamic magnetization curves
(typical values)
(f = 10 kHz, T = 100 °C)
FAL0480-L
H
0
B
0
A/m
1400
50
100
150
200
250
300
350
mT
400
800
_200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com