Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2012121YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SF2012121YL
Description  SMD LINE FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF2012121YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SF2012121YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
NAME
PROD.
REF : 20090324-B
SMD LINE FILTER
PAGE: 2
1). □:Packaging information… A:Bulk
B:Taping Reel
3). Impedance Test Instrument:HP4291A
4). RDC Test Instrument:CH-502AC
5). IDC Test Instrument:CH1062+CH301A
AR-001A
SF2012□□□□L□-□□□
2)."-
":Reference code
□
SF2012900YL□
Dwg. No.
120±25%
160±25%
Impedance
( Ω )
90±25%
0.300
0.400
0.350
Insulation
50
50
Rated
( DC )
V
50
10
10
10
300
370
( Ω )
max.
RDC
( mA )
330
max.
IDC
SF2012121YL□
SF2012161YL□
@ 100 MHz
SF2012300YL□
SF2012670YL□
30±25%
67±25%
50
50
10
10
0.200
0.250
400
450
SF2012181YL□
180±25%
50
10
0.350
330
300±25%
260±25%
SF2012261YL□
SF2012301YL□
50
50
10
10
0.400
0.400
290
300
( MΩ ) min.
Resistance
Withstanding
125
125
125
125
125
125
125
125
V
( DC )
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
200±25%
0.350
50
10
330
SF2012201YL□
SF2012221YL□
220±25%
50
10
0.350
310
125
125
-□□□
-□□□
360±25%
SF2012361YL□
50
10
0.450
280
125
-□□□
370±25%
SF2012371YL□
50
10
0.450
280
125
-□□□
500±25%
SF2012501YL□
50
10
0.550
170
125
-□□□
670±25%
SF2012671YL□
50
10
0.600
140
125
-□□□
900±25%
SF2012901YL□
50
10
0.600
80
125
-□□□
□
□



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com