Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATH006A0X4 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # ATH006A0X4
Description  2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ATH006A0X4 Datasheet(HTML) 3 Page - Lineage Power Corporation

  ATH006A0X4 Datasheet HTML 1Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 2Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 3Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 4Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 5Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 6Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 7Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 8Page - Lineage Power Corporation ATH006A0X4 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
June 24, 2008
Austin MicroLynxTM II SIP Non-isolated Power Modules:
2.4 – 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
All
VO, set
-2.0
⎯
+2.0
% VO, set
(VIN=IN, min, IO=IO, max, TA=25°C)
Output Voltage
All
VO, set
–3.0
⎯
+3.0
% VO, set
(Over all operating input voltage, resistive load,
and temperature conditions until end of life)
Adjustment Range
All
VO
0.7525
3.63
Vdc
Selected by an external resistor
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
⎯
0.3
⎯
% VO, set
Load (IO=IO, min to IO, max)
All
⎯
0.4
⎯
% VO, set
Temperature (Tref=TA, min to TA, max)
All
⎯
0.4
⎯
% VO, set
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max
Cout = 1μF ceramic//10μFtantalum capacitors)
RMS (5Hz to 20MHz bandwidth)
All
⎯
10
15
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
⎯
40
50
mVpk-pk
External Capacitance
ESR ≥ 1 mΩ
All
CO, max
⎯
⎯
1000
μF
ESR ≥ 10 mΩ
All
CO, max
⎯
⎯
3000
μF
Output Current
All
Io
0
6
Adc
Output Current Limit Inception (Hiccup Mode )
All
IO, lim
⎯
220
⎯
% Io
(VO= 90% of VO, set)
Output Short-Circuit Current
All
IO, s/c
⎯
2
⎯
Adc
(VO≤250mV) ( Hiccup Mode )
Efficiency
VO, set = 0.75Vdc
η
81.0
%
VIN= VIN, nom, TA=25°C
VO, set = 1.2Vdc
η
87.0
%
IO=IO, max , VO= VO,set
VO,set = 1.5Vdc
η
89.0
%
VO,set = 1.8Vdc
η
90.0
%
VO,set = 2.5Vdc
η
93.0
%
VO,set = 3.3Vdc
η
96.0
%
Switching Frequency
All
fsw
⎯
300
⎯
kHz
Dynamic Load Response
(dIo/dt=2.5A/
μs; VIN = VIN, nom; TA=25°C)
All
Vpk
⎯
130
⎯
mV
Load Change from Io= 50% to 100% of
Io,max; 1μF ceramic// 10 μF tantalum
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
ts
⎯
25
⎯
μs
(dIo/dt=2.5A/
μs; VIN = VIN, nom; TA=25°C)
All
Vpk
⎯
130
⎯
mV
Load Change from Io= 100% to 50%of Io,max:
1μF ceramic// 10 μF tantalum
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
ts
⎯
25
⎯
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com