Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI101 Datasheet(PDF) 1 Page - Transys Electronics

Part # DI101
Description  DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

DI101 Datasheet(HTML) 1 Page - Transys Electronics

  DI101 Datasheet HTML 1Page - Transys Electronics DI101 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DI100/150 THRU DI1010/1510
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes
FEATURES
l
Plastic material used carries Underwriters
Laboratory recognition 94V-O
l
Low leakage
l
Surge overload rating— 30~50 amperes peak
l
Ideal for printed circuit board
l
Exceeds environmental standards of
MIL-S-19500/228
MECHANICAL DATA
Case: Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Terminals: Lead solderable per MIL-STD-202,
Method 208
Polarity: Polarity symbols molded or marking on body
Mounting Position: Any
Weight: 0.02 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%.
DI100
DI150
DI101
DI151
DI102
DI152
DI104
DI154
DI106
DI156
DI108
DI158
DI1010
DI1510
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge input Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
DI100
1.0
Maximum Average Forward Current
TA=40
DI150
1.5
A
DI100
30.0
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
DI150
50.0
A
I
2t Rating for fusing ( t < 8.35 ms)
10.0
A
2t
Maximum Forward Voltage Drop per Bridge
Element at 1.0A
1.1
V
Maximum Reverse Current at Rated TJ= 25
DC Blocking Voltage per element TJ=125
5.0
0.5
A
mA
Typical Junction capacitance per leg (Note 1) CJ
25.0
PF
Typical Thermal resistance per leg (Note 2) R JA
Typical Thermal resistance per leg (Note 2) R JL
40.0
15.0
/W
Operating Temperature Range TJ
-55 to +125
Storage Temperature Range TA
-55 to +150
DIP


Similar Part No. - DI101

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI101 PANJIT-DI101 Datasheet
56Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes)
logo
Formosa MS
DI101 FORMOSA-DI101 Datasheet
62Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
DI101 ETC1-DI101 Datasheet
49Kb / 2P
1 AMP MINIATURE BRIDGE RECTIFIERS
logo
Pan Jit International I...
DI101 PANJIT-DI101 Datasheet
71Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Compact Technology Corp...
DI101 CTC-DI101 Datasheet
128Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DI101

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2KBP005M PANJIT-2KBP005M Datasheet
88Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI100 PANJIT-DI100_04 Datasheet
71Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI150 PANJIT-DI150 Datasheet
47Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBL400 PANJIT-GBL400_04 Datasheet
47Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP300 PANJIT-GBP300_04 Datasheet
36Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI100 PANJIT-DI100_06 Datasheet
72Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI150 PANJIT-DI150_07 Datasheet
62Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI200 PANJIT-DI200 Datasheet
58Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
GBP200 JUXING-GBP200 Datasheet
360Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
DI100 PANJIT-DI100_V01 Datasheet
61Kb / 4P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
March 11,2016-REV.02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com