Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPB-9640RG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-9640RG
Description  1310 nm TX / 1550 nm RX , 3.3V / 3.2Gb/s Single-Fiber SFP Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9640RG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-9640RG_08 Datasheet HTML 1Page - Optoway Technology Inc SPB-9640RG_08 Datasheet HTML 2Page - Optoway Technology Inc SPB-9640RG_08 Datasheet HTML 3Page - Optoway Technology Inc SPB-9640RG_08 Datasheet HTML 4Page - Optoway Technology Inc SPB-9640RG_08 Datasheet HTML 5Page - Optoway Technology Inc SPB-9640RG_08 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-9640RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V1.0
1
SPB-9640RG / SPB-9640BRG / SPB-9640ARG
(SC BIDI SFP)
(RoHS Compliant)
SPB-9640RLG / SPB-9640BRLG / SPB-9640ARLG
(LC BIDI SFP)
1310 nm TX / 1550 nm RX , 3.3V / 3.2Gb/s Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Multirate up to 3.2 Gb/s
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPB-9640RG
l Simplex LC Connector: SPB-9640RLG
l 1310 nm DFB LD Transmitter
l 1550 nm Receiver
l Distance Up to 40 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: SPB-9640RG
l -10 to 85oC Operating: SPB-9640BRG
l -40 to 85oC Operating: SPB-9640ARG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l 10GBASE LX-4
l Serial ATA / ATA2
l SONET OC-48 / SDH STM-16
l SONET OC-12 / SDH STM-4
l SONET OC-3 / SDH STM-1
l Gigabit Ethernet / 1X/2X Fibre Channel
DESCRIPTION
The SPB-9640RG series is high performance module for
10GBASE LX-4, Serial ATA/ATA2, SONET OC-48 / SDH
STM-16, Gigabit Ethernet 1000BASE-LX and 1x/2x Fibre
Channel single fiber communications by using 1310 nm
transmitter and 1550 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability. The transmitter
section uses a multiple quantum well 1310 nm DFB laser
and is a class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section is designed
to receive 1550 nm signal. The receiver section uses an
integrated 1550 nm detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-9640RG
Multirate*
40
1310 DFB
1550
SC SFP
0 to 70
3 to -2
-20
Yes
SPB-9640BRG
Multirate*
40
1310 DFB
1550
SC SFP
-10 to 85
3 to -2
-20
Yes
SPB-9640ARG
Multirate*
40
1310 DFB
1550
SC SFP
-40 to 85
3 to -2
-20
Yes
SPB-9640RLG
Multirate*
40
1310 DFB
1550
LC SFP
0 to 70
3 to -2
-20
Yes
SPB-9640BRLG
Multirate*
40
1310 DFB
1550
LC SFP
-10 to 85
3 to -2
-20
Yes
SPB-9640ARLG
Multirate*
40
1310 DFB
1550
LC SFP
-40 to 85
3 to -2
-20
Yes
Multirate*: 3.185Gb/s, 3.125Gb/s, 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3


Similar Part No. - SPB-9640RG_08

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9640RG OPTOWAY-SPB-9640RG_15 Datasheet
187Kb / 6P
3.2Gb/s Single-Fiber SFP Transceiver
SPB-9640RG_2015 OPTOWAY-SPB-9640RG_2015 Datasheet
187Kb / 6P
3.2Gb/s Single-Fiber SFP Transceiver
More results

Similar Description - SPB-9640RG_08

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9605RG OPTOWAY-SPB-9605RG Datasheet
177Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 3.2Gb/s Single-Fiber SFP Transceiver
SPB-9605RWG OPTOWAY-SPB-9605RWG Datasheet
178Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 3.2Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9620RG OPTOWAY-SPB-9620RG Datasheet
178Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 3.2Gb/s Single-Fiber SFP Transceiver
SPB-9620RWG OPTOWAY-SPB-9620RWG Datasheet
178Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 3.2Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9640RWG OPTOWAY-SPB-9640RWG Datasheet
178Kb / 6P
1310 nm TX / 1550 nm RX , 3.3V / 3.2Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9705MG OPTOWAY-SPB-9705MG Datasheet
178Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720MG OPTOWAY-SPB-9720MG Datasheet
178Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720RG OPTOWAY-SPB-9720RG Datasheet
178Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / 3.2Gb/s Single-Fiber SFP Transceiver
SPB-9720RWG OPTOWAY-SPB-9720RWG Datasheet
178Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / 3.2Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com