Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32340C2011A720 Datasheet(PDF) 6 Page - EPCOS

Part # B32340C2011A720
Description  Film capacitors - Power Factor Correction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C2011A720 Datasheet(HTML) 6 Page - EPCOS

Back Button B32340C2011A720 Datasheet HTML 2Page - EPCOS B32340C2011A720 Datasheet HTML 3Page - EPCOS B32340C2011A720 Datasheet HTML 4Page - EPCOS B32340C2011A720 Datasheet HTML 5Page - EPCOS B32340C2011A720 Datasheet HTML 6Page - EPCOS B32340C2011A720 Datasheet HTML 7Page - EPCOS B32340C2011A720 Datasheet HTML 8Page - EPCOS B32340C2011A720 Datasheet HTML 9Page - EPCOS B32340C2011A720 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Film capacitors – Power Factor Correction
B32340C****A***
PhiCap capacitors
B32340C / MKPxxx-I
Preliminary data
FK PC PM PFC
June 2009
Please read Cautions and warnings and
Page 6 of 12
Important notes at the end of this document
.
Single-phase capacitors – VR = 400 V AC, 50/60 Hz
Product / Type
50 Hz
60 Hz
CR
Dimensions
Weight
Quantity
Ordering code
Output
IR
Output
IR
d × h
per
kvar
A
kvar
A
μF
mm
kg
box
MKP400-I-0.8
B32340C4002A800
0.8
2.0
1.0
2.3
15
63.5 × 68
0.30
12
MKP400-I-1.7
B32340C4012A700
1.7
4.2
2.0
5.0
33
63.5 × 68
0.30
12
MKP400-I-2.5
B32340C4022A500
2.5
6.3
3.0
7.5
50
63.5 × 105
0.40
12
MKP400-I-3.3
B32340C4032A300
3.3
8.4
4.0
10.0
66
63.5 × 105
0.40
12
MKP400-I-4.2
B32340C4051A000
4.2
10.4
5.0
12.5
83
63.5 × 142
0.50
12
MKP400-I-5.0
B32340C4052A000
5.0
12.4
6.0
15.0
99
63.5 × 142
0.50
12
Single-phase capacitors – VR = 415 V AC, 50/60 Hz
Product / Type
50 Hz
60 Hz
CR
Dimensions Weight
Quantity
Ordering code
Output
IR
Output
IR
d × h
per
kvar
A
kvar
A
μF
mm
kg
box
MKP415-I-0.8
B32340C4002A810
0.8
2.0
1.0
2.4
15
63.5 × 68
0.35
12
MKP415-I-1.7
B32340C4012A710
1.7
4.0
2.0
4.8
31
63.5 × 105
0.45
12
MKP415-I-2.5
B32340C4022A510
2.5
6.0
3.0
7.2
46
63.5 × 142
0.50
12
MKP415-I-3.3
B32340C4032A310
3.3
8.0
4.0
9.7
62
63.5 × 142
0.50
12
MKP415-I-5.0
B32340C4052A010
5.0
12.0
6.0
14.4
91
63.5 × 142
0.50
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com