Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B43044 Datasheet(PDF) 13 Page - EPCOS

Part # B43044
Description  Aluminum electrolytic capacitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43044 Datasheet(HTML) 13 Page - EPCOS

Back Button B43044 Datasheet HTML 9Page - EPCOS B43044 Datasheet HTML 10Page - EPCOS B43044 Datasheet HTML 11Page - EPCOS B43044 Datasheet HTML 12Page - EPCOS B43044 Datasheet HTML 13Page - EPCOS B43044 Datasheet HTML 14Page - EPCOS B43044 Datasheet HTML 15Page - EPCOS B43044 Datasheet HTML 16Page - EPCOS B43044 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Single-ended capacitors
B41044, B43044
Very low impedance – 105
°C
13 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes B43044
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
Zmax
100 kHz
20
°C
Ω
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
160
22
10
× 20
1.3
440
B43044A1226M***
33
10
× 20
1.3
565
B43044A1336M***
47
12.5
× 20
0.91
725
B43044A1476M***
68
12.5
× 20
0.63
950
B43044A1686M***
100
16
× 25
0.27
1280
B43044A1107M***
150
16
× 31.5
0.22
1300
B43044A1157M***
220
16
× 31.5
0.22
1300
B43044A1227M***
330
18
× 31.5
0.22
1700
B43044A1337M***
200
22
10
× 20
1.5
440
B43044A2226M***
33
12.5
× 20
0.91
590
B43044A2336M***
47
12.5
× 20
0.91
780
B43044A2476M***
68
12.5
× 25
0.63
950
B43044A2686M***
100
16
× 25
0.27
1280
B43044A2107M***
150
18
× 25
0.27
1500
B43044A2157M***
220
18
× 31.5
0.22
1700
B43044A2227M***
250
10
10
× 20
3.5
300
B43044F2106M***
22
12.5
× 20
2.3
480
B43044F2226M***
33
12.5
× 25
1.7
630
B43044F2336M***
47
12.5
× 25
1.7
630
B43044F2476M***
68
16
× 25
0.78
1000
B43044F2686M***
100
16
× 31.5
0.63
1400
B43044F2107M***
150
18
× 31.5
0.42
1450
B43044F2157M***
220
18
× 40
0.35
1485
B43044F2227M***
350
10
10
× 20
2.9
180
B43044A4106M***
22
12.5
× 20
2.1
270
B43044A4226M***
33
16
× 20
0.91
600
B43044A4336M***
47
16
× 25
0.73
700
B43044A4476M***
68
16
× 31.5
0.49
1100
B43044A4686M***
100
18
× 31.5
0.40
1170
B43044A4107M***
AEC-C_B41044_B43044.book Seite 13 Dienstag, 5. August 2008 4:13 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com