Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B42002 Datasheet(PDF) 10 Page - EPCOS

Part # B42002
Description  Aluminum electrolytic capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B42002 Datasheet(HTML) 10 Page - EPCOS

Back Button B42002 Datasheet HTML 3Page - EPCOS B42002 Datasheet HTML 4Page - EPCOS B42002 Datasheet HTML 5Page - EPCOS B42002 Datasheet HTML 6Page - EPCOS B42002 Datasheet HTML 7Page - EPCOS B42002 Datasheet HTML 8Page - EPCOS B42002 Datasheet HTML 9Page - EPCOS B42002 Datasheet HTML 10Page - EPCOS B42002 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Cautions and warnings
10 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
11
Do not apply excessive force to the leads and terminals. Do not move the capacitor after sol-
dering it onto the PC board and do not carry the PC board by gripping the capacitor. Observe
the following rules to prevent undue stress to the capacitor:
a Do not tilt or bend the capacitor after soldering.
b Ensure that the terminal spacing matches the corresponding hole spacing on the PC
board.
12
The aluminum case is not insulated from the cathode. Do not place a conductor under the
aluminum capacitors on the PC board as this may cause a short circuit. The case and top of
capacitors used in switched mode power supplies have a high-voltage-resistant heat shrink
sleeve to ensure safe usage.
13
The leads of capacitors with a case diameter exceeding 14 mm cannot be used for fixing.
AEC-C_B42002_B42021.book Seite 10 Dienstag, 5. August 2008 4:26 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com