Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B42021 Datasheet(PDF) 3 Page - EPCOS

Part # B42021
Description  Aluminum electrolytic capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B42021 Datasheet(HTML) 3 Page - EPCOS

  B42021 Datasheet HTML 1Page - EPCOS B42021 Datasheet HTML 2Page - EPCOS B42021 Datasheet HTML 3Page - EPCOS B42021 Datasheet HTML 4Page - EPCOS B42021 Datasheet HTML 5Page - EPCOS B42021 Datasheet HTML 6Page - EPCOS B42021 Datasheet HTML 7Page - EPCOS B42021 Datasheet HTML 8Page - EPCOS B42021 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Single-ended capacitors
B42002, B42021
Bipolar – 85
°C / 105 °C
3
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Specifications and characteristics in brief
Rated voltage VR
6.3 ... 100 V DC
Operating temp. range
–40
°C … +85 °C (B42002)
–40
°C … +105 °C (B42021)
Rated capacitance CR
(20
°C, 120 Hz)
0.1 … 4700
µF (B42002)
0.47 … 2200
µF (B42021)
Capacitance tolerance
±20% M
Load life
B42002
(85
°C, VR, IAC,R)
B42021
(105
°C, VR, IAC,R)
2000 h
1000 h
Requirements:
∆C/C ≤ ±20% of initial value
tan
δ≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Leakage current Ileak
(20
°C, after 5 minutes)
Low temperature
stability
(impedance ratio)
(120 Hz)
VR (V DC)
6.3
10
16
25
35 ... 100
43
2
2
2
10
8
6
4
3
Shelf life
After storage for 1000 h at 85
°C, the capacitors shall meet the require-
ment of load life test after reforming process. After test: VR to be applied
for 30 minutes, 24 to 48 hours before measurement.
Frequency multiplier for
rated ripple current
50 Hz
120 Hz
300 Hz 1 kHz
10 kHz
0.1 … 4.7
µF
0.65
1.00
1.35
1.75
2.30
10 … 47
µF
0.75
1.00
1.25
1.50
1.75
100 … 1000
µF
0.80
1.00
1.15
1.30
1.40
2200 ... 4700
µF
0.85
1.00
1.03
1.05
1.08
Temperature multiplier
for rated ripple current
B42002
Temperature
+50
°C
+70
°C
+85
°C
Multiplier
1.50
1.27
1.00
B42021
Temperature
+50
°C
+70
°C
+85
°C
+105
°C
Multiplier
2.10
1.78
1.40
1.00
Ileak 0.03 µA
CR
µF
-------
VR
V
-------
⋅
⎝⎠
⎛⎞ or 3 µA
⋅
≤
Z25 °C
–
()
Z +20 °C
()
---------------------------
Z40 °C
–
()
Z +20 °C
()
---------------------------
AEC-C_B42002_B42021.book Seite 3 Dienstag, 5. August 2008 4:26 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com