Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC3015FT-R68NZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPC3015FT-R68NZF
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPC3015FT-R68NZF Datasheet(HTML) 2 Page - Superworld Electronics

  SPC3015FT-R68NZF Datasheet HTML 1Page - Superworld Electronics SPC3015FT-R68NZF Datasheet HTML 2Page - Superworld Electronics SPC3015FT-R68NZF Datasheet HTML 3Page - Superworld Electronics SPC3015FT-R68NZF Datasheet HTML 4Page - Superworld Electronics SPC3015FT-R68NZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
30.12.2009
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self temp. rise )
d) Storage temp. : -40°C to +105°C
b) IDC2 : Based on temperature rise ( T: 40°C Typ.)
a) IDC1 : Based on inductance change ( L/Lo: <30%) @ ambient temp. 25°C
Part No.
SPC3015FT-2R2 ZF
Inductance
2.2
( uH )
IDC1
( m )
0.1V/100K
99
1.90
( A )
RDC
IDC2
1.35
( A )
( Hz )
Frequency
Test
±20%
4.7
0.1V/100K
180
6.8
0.1V/100K
220
SPC3015FT-4R7 ZF
SPC3015FT-6R8 ZF
1.05
0.95
1.30
1.10
SMD POWER INDUCTORS
SPC3015FT SERIES
SPC3015FT-1R5ZF
1.5
0.1V/100K
71
2.20
1.55
1.8
0.1V/100K
79
SPC3015FT-1R8 ZF
1.45
2.00
SPC3015FT-1R2ZF
1.2
0.1V/100K
55
2.50
1.70
SPC3015FT-R68ZF
0.68
0.1V/100K
38
3.40
2.00
1.0
0.1V/100K
44
SPC3015FT-1R0 ZF
1.85
3.00
SPC3015FT-3R3ZF
3.3
0.1V/100K
120
1.60
1.25
M, N
Tolerance
M
M
N
N
N
N
N
M, N
Tolerance code :
: M = ±20%
N = ±30%
c) Rated Current : IDC1 or IDC2, whichever value is lower
10
0.1V/100K
330
22
0.1V/100K
780
SPC3015FT-100ZF
SPC3015FT-220ZF
0.75
0.42
0.95
0.65
M
M
SPC3015FT-2R7ZF
2.7
0.1V/100K
110
1.70
1.30
M, N
5.6
0.1V/100K
200
SPC3015FT-5R6 ZF
1.00
1.20
M
15
0.1V/100K
540
SPC3015FT-150ZF
0.60
0.70
M
47
0.1V/100K
1680
SPC3015FT-470ZF
0.26
0.40
M
Marking
E
I
K
C
D
B
8
A
G
M
Q
F
J
O
U



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com