Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B43510 Datasheet(PDF) 2 Page - EPCOS

Part # B43510
Description  Aluminum electrolytic capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43510 Datasheet(HTML) 2 Page - EPCOS

  B43510 Datasheet HTML 1Page - EPCOS B43510 Datasheet HTML 2Page - EPCOS B43510 Datasheet HTML 3Page - EPCOS B43510 Datasheet HTML 4Page - EPCOS B43510 Datasheet HTML 5Page - EPCOS B43510 Datasheet HTML 6Page - EPCOS B43510 Datasheet HTML 7Page - EPCOS B43510 Datasheet HTML 8Page - EPCOS B43510 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Long-life grade capacitors
Applications
Frequency converters
Switch-mode power supplies in industrial and consumer
electronics
Uninterruptible power supplies
Features
Voltage derating (0.88
VR) enables 105
°C operation,
more details available upon request
Extremely high volumetric efficiency
High ripple current capability
Many different case sizes
Pinning ensures correct insertion
RoHS-compatible
Construction
Charge/discharge-proof, polar
Aluminum case, fully insulated with PVC
Version with additional PET insulation cap on terminal side
available for insulating the capacitor from the PCB (B43510
only)
Overload protection by safety vent in case
Terminals
4-pin snap-in terminals (6.3 mm and 4.5 mm length)
Solder pin mounting on printed circuit boards, pins fit
standardized spacings on PCB
B43510
B43520
Capacitors with 4-pin snap-in terminals and solder pins
B43510, B43520
Compact
85
°C
Page 2 of 19
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com