Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBPC-641P4 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MBPC-641P4
Description  4-slot MicroBox Desktop/Wallmount Chassis with Open Frame AC, DC Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MBPC-641P4 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MBPC-641P4 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
All product specifications are subject to change without notice
Last updated : 20-Mar-2006
Dimensions
Unit: mm
MBPC-641 4-slotMicroBoxDesktop/WallmountChassis
with Open Frame AC, DC Power Supply
 Ultra-compact wallmount/desktop IPC chassis
 Equipped with a 4-slot ISA or PCI backplane to hold 4 half-sized cards
 Two (9-pin and 25-pin) I/O ports
 Power on switch with connector
 One 53-CFM cooling fan with air filter
 Replaceable and easy to clean fan filters
 60 W AC and DC power supply options
Introduction
The MBPC-641 MicroBox IPC chassis is an ultra-compact 4-slot IPC chassis for embedded control systems or other limited-space applications. Its small size and rugged design
make it excellent for vending machines, mobile computer systems, and unattended controllers. The MBPC-641 provides the necessary framework for building a complete PC control
system. It supports most half-size CPU cards, and is equipped with a mounting panel for special connectors or cable extensions. In addition, the MBPC-641 reserves one RS-232
port and one parallel port. Also included is a 65-watt power supply with power On/Off switch.
Specifications
Cooling
CFM
1 (53 CFM/each)
Filter
Yes
Miscellaneous
Slot
4 x ISA slots, half-size
Environment
Temperature
0 ~ 40° C (32 ~ 104° F), operating
Humidity
10 ~ 85 % @ 40° C, non-condensing
Physical
Dimensions
114 x 197 x 245 mm
(W x H x D)
(4.5" x 7.8" x 9.6")
Weight
2.8 kg (6 lb)
Passive Backplane Options
B/P Model Name
Slot per Segment (ISA/PCI/CPU)
Segment
969K610430
4-slot ISA
Single
969K610450
4-slot PCI
Single
Power Supply Options
Part Number
Specifications
Watt
Input
Output
Mini-load
Safety
MTBF
PS-65
65 W
AC 85 ~ 264 V
+5 V @ 5 A, +12 V @ 1.7 A, -12 V @ 1.7 A
--
UL/CSA/CE/TUV
50,000 hours
OP-60P
60 W
AC 90V ~ 264 V
+5 V @ 5 A, +12 V @ 2.3 A, -12 V @ 0.5 A
+5 V @ 0 A, +12 V @ 0 A, -12 V @ 0 A
UL/CSA/TUV
--
OP-60P-D24
60 W
DC 18 V ~ 32 V
+5 V @ 6 A, +12 V @ 2.5 A, -12 V @ 0.3 A
+5 V @ 0 A, +12 V @ 0 A, -12 V @ 0 A
--
--
OP-60P-D48
60 W
DC 36 V ~ 72 V
+5 V @ 6 A, +12 V @ 2.5 A, -12 V @ 0.3 A
+5 V @ 0 A, +12 V @ 0 A, -12 V @ 0 A
--
--
Ordering Information
Part Number
With Power Supply
With Backplane
Regulation
MBPC-641
PS-65
PCA-6104
CE
MBPC-641P4
PS-65
9692810020
CE
MBPC-641BP-60
OP-60P
--
UL/cUL/CE
MBPC-641BP-D24
OP-60P-D24
--
CE
MBPC-641BP-D48
OP-60P-D48
--
CE


Similar Part No. - MBPC-641P4

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MBPC-641 ADVANTECH-MBPC-641 Datasheet
441Kb / 1P
4-Slot MicroBox Desktop/Wallmount Chassis with Open Frame AC Power Supply
MBPC-641-60E ADVANTECH-MBPC-641-60E Datasheet
441Kb / 1P
4-Slot MicroBox Desktop/Wallmount Chassis with Open Frame AC Power Supply
MBPC-641BP-60E ADVANTECH-MBPC-641BP-60E Datasheet
441Kb / 1P
4-Slot MicroBox Desktop/Wallmount Chassis with Open Frame AC Power Supply
More results

Similar Description - MBPC-641P4

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM05 CUI-VFM05 Datasheet
128Kb / 2P
open frame AC/DC power supply
VFM10 CUI-VFM10 Datasheet
821Kb / 3P
open frame AC/DC power supply
VFM40 CUI-VFM40 Datasheet
212Kb / 3P
open frame AC/DC power supply
VFM100 CUI-VFM100 Datasheet
410Kb / 3P
open frame ac-dc power supply
logo
Advantech Co., Ltd.
IPC-644 ADVANTECH-IPC-644 Datasheet
325Kb / 1P
4-Slot Ultra-Compact Wallmount/Desktop Chassis with 150 W ATX Power Supply
IPC-6806 ADVANTECH-IPC-6806 Datasheet
640Kb / 2P
6-Slot Desktop/Wallmount Chassis with 1U Power Supply
IPC-6806S ADVANTECH-IPC-6806S Datasheet
128Kb / 2P
6-slot Desktop/Wallmount Chassis with Open Frame PFC Power Supply
20-Mar-2006
MBPC-641 ADVANTECH-MBPC-641 Datasheet
441Kb / 1P
4-Slot MicroBox Desktop/Wallmount Chassis with Open Frame AC Power Supply
logo
Wall Industries,Inc.
PSSBU58 WALL-PSSBU58 Datasheet
94Kb / 2P
AC/DC Open Frame Power Supply
logo
Advantech Co., Ltd.
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
6/8-Slot Desktop/Wallmount Chassis
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com