Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3261 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SM3261
Description  MULTILAYER CHIP BEAD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SM3261 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SM3261 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SM3261 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SM3261 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SM3261 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SM3261 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SM3261 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SM4532121YL□
SM4516151YL□
1). □:Packaging Information… A:Bulk B:Taping Reel
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
AR-001A
150±25%
SM4516151YL□-□□□
2)."-
":Reference code
SM4532700YL□
SM4516800YL□
SM3266600YL□-□□□
□□□
60±25%
MULTILAYER CHIP BEAD
SM4516800YL□-□□□
SM4532131YL□-□□□
SM4532121YL□-□□□
SM4532700YL□-□□□
Ⅴ﹒ELECTRICAL CHARACTERISITCS:
DWG No.
NAME
PROD.
REF :
80±25%
125±25%
120±25%
70±25%
at 100MHz
(Ω)
Impedance
300
0.3
SM4532131YL□
SM3266600YL□
0.3
400
SM□□□□□□□□L□-□□□
0.3
0.3
0.3
(Ω)
0.3
max.
RDC
300
300
300
300
IDC
max.
(mA)
PAGE: 2-1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com