Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN3010150ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SN3010150ML
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SN3010150ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SN3010150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SN3010150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SN3010150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SN3010150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SN3010150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SN3010150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMD POWER INDUCTOR
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
AR-001A
PROD.
NAME
REF : 20091116-C
PAGE: 2
ABC'S ITEM NO.
ABC'S DWG NO.
1). □:Packaging information … A:Bulk
B:Taping Reel
SN30101R0YL□-□□□
1.0 ± 30%
DWG No.
Inductance
( μH )
@0.1V/1MHz
( Ω )
RDC
3). Isat base on
L/L0A=30% typ.
△
( A )
Isat
0.065
typ.
( A )
Irms
2). Irms base on Temp. rise 40
typ.
℃
0.078
max.
1.700
typ.
1.950
typ.
( MHz )
SRF
180
min.
1.5 ± 30%
0.080
0.096
1.650
1.600
140
2.2 ± 20%
0.095
0.114
1.450
1.450
100
3.3 ± 20%
0.160
0.192
1.300
1.050
80
4.7 ± 20%
0.190
0.228
1.100
0.950
60
6.8 ± 20%
0.300
0.360
0.850
0.760
50
10.0 ± 20%
0.450
0.540
0.720
0.610
45
15.0 ± 20%
0.740
0.888
0.560
0.480
35
22.0 ± 20%
0.980
1.176
0.500
0.420
25
33.0 ± 20%
1.550
1.860
0.415
0.340
24
47.0 ± 20%
2.000
2.400
0.320
0.270
19
SN30101R5YL□-□□□
SN30102R2ML□-□□□
SN30103R3ML□-□□□
SN30104R7ML□-□□□
SN30106R8ML□-□□□
SN3010100ML□-□□□
SN3010150ML□-□□□
SN3010220ML□-□□□
SN3010330ML□-□□□
SN3010470ML□-□□□
SN3010□□□□L□-□□□



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com