Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL16083N3ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SL16083N3ML
Description  WOUND CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SL16083N3ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SL16083N3ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SL16083N3ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SL16083N3ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SL16083N3ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SL16083N3ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SL16083N3ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
100.0± 5%
82.0± 5%
68.0± 5%
56.0± 5%
47.0± 5%
39.0± 5%
180.0± 5%
220.0± 5%
1). □:Packaging Information… A:Bulk B:Taping Reel
150.0± 5%
120.0± 5%
AR-001A
SL1608R15JL□ -□□□
SL1608R18JL□
SL1608R22JL□
□□
2)."-
":Reference code
□
-□□□
-□□□
SL1608R10JL□
SL160882NJL□
SL160868NJL□
SL160856NJL□
SL160847NJL□
SL160839NJL□
SL1608R12JL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
4
4
5
25.2
25.2
25.2
25.2
25.2
25.2
12
12
5
12
11
12
11
100
100
100
25.2
100
100
25.2
100
100
100
100
100
100
100
6.50
7.50
4.50
900
1000
1100
70
80
100
1.80
1.50
1.30
1.20
0.95
0.80
3.00
1500
1300
1200
1500
1800
1800
1800
250
200
130
250
250
250
300
33.0± 5%
27.0± 5%
22.0± 5%
18.0± 5%
15.0± 5%
12.0± 5%
10.0± 5%
8.2± 5%
6.8± 5%
5.6± 5%
4.7± 5%
3.9± 5%
3.3±20%
2.7±20%
2.2±20%
1.8±20%
1.5±20%
1.2±20%
1.0±20%
( nH )
Inductance
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
SL16082N2ML□ -□□□
SL160833NJL□
SL160827NJL□
SL160822NJL□
SL160818NJL□
SL160815NJL□
SL160812NJL□
SL160810NJL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SL16088N2JL□
SL16086N8JL□
SL16085N6JL□
SL16084N7JL□
SL16083N9JL□
SL16083N3ML□
SL16082N7ML□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SL16081N8ML□
SL16081N5ML□
SL16081N2ML□
SL16081N0ML□
DWG No.
-□□□
-□□□
-□□□
-□□□
NAME
PROD.
REF :
500
0.09
6000
100
8100
100
9100
10
10
10
10
10
10
10
100
100
100
100
100
100
100
100
100
100
100
100
100
100
9
9
9
9
9
8
100
100
100
100
100
100
100
100
100
100
100
100
400
0.28
3500
0.32
0.60
0.55
0.50
0.45
0.41
0.35
2300
2000
1800
2000
2800
2500
2800
350
300
300
300
400
350
400
0.20
0.18
0.17
0.15
0.12
0.10
4800
3550
4600
5500
5500
6000
450
430
430
500
450
500
8
8
7
min
Q
7
100
100
100
100
100
100
Test Freq. ( MHz )
L
100
Q
100
ABC'S DWG NO.
ABC'S ITEM NO.
0.08
0.07
0.06
0.05
RDC
6000
6000
6000
( MHz )
6000
min
SRF
( Ω )
max
500
500
500
( mA )
IDC
max
500
SL1608□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com