Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP10552R2ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SP10552R2ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP10552R2ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SP10552R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP10552R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP10552R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP10552R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP10552R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP10552R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP10552R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP10552R2ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1). □:Packaging information … A:Bulk B:Taping Reel
5). Irms base on temp. rise 40
max.
℃
3). Measured frequency of inductance is 100 KHz / 1V
4). Isat base on inductance drop 25% typ. of L value at 20℃
AR-001A
2). "-
":Reference code
□
□□
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
L ( µH )
Inductance
0.36 ± 30 %
8.80 ± 20 %
7.20 ± 20 %
5.70 ± 20 %
4.30 ± 20 %
3.20 ± 20 %
2.20 ± 20 %
1.40 ± 20 %
0.80 ± 20 %
POWER INDUCTOR
SP10558R8ML□-□□□
SP10557R2ML□-□□□
SP10555R7ML□-□□□
SP10554R3ML□-□□□
SP10553R2ML□-□□□
SP10552R2ML□-□□□
SP10551R4ML□-□□□
REF :
NAME
PROD.
DWG No.
SP1055R80ML□-□□□
SP1055R36YL□-□□□
SHIELDED SMD
5.6
6.2
7.0
6.0
7.0
7.6
8.0
9.0
10.0
14.0
10.0
11.0
12.0
16.0
13.2
11.9
10.7
17.2
15.5
13.2
5.6
6.5
4.7
2.4
8.5
7.2
5.8
3.2
SP1055□□□□L□-□□□
18.0
26.0
Isat
( A )
20.0
28.0
Irms
( A )
ABC'S ITEM No.
ABC'S DWG No.
1.9
1.3
typ.
2.5
1.7
( mΩ )
max.
RDC
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com