Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ05042R2ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SQ05042R2ML
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ05042R2ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SQ05042R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ05042R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ05042R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ05042R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ05042R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ05042R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPECIFICATION FOR APPROVAL
Ⅵ﹒
PACKAGING INFORMATION:
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 3
PROD.
NAME
SMD POWER INDUCTOR
Components
no component
400 m/m min.
Trailer
Start
P:8 m/m
Q'TY (pcs)
7,200
User direction of feed
Q'TY (pcs)
SQ0504
Series
1,200
1300
Inner : Reel
G.W. (gw)
13 - 16
Style
no component
Leader
200 m/m min.
( 3 ) Q'TY & G.W. Per package
( 2 ) Dimensions
13 - 16
Style
330
21±0.8
AB
13±0.5
16
CD
40 x 40 x 24.0
13.0
Outer : Carton
G.W. (Kg)
Size (cm)
N
50
+0
18
G
-0
22.4
Unit:m/m
T
End
4 m/m
100
100
100
100
100
100
SQ0504□□□□L□-□□□
Carrier tape width : D
※
C
∮
G
2.0±0.5
( 1 ) Configuration
T
Embossed carrier
D
Cover tape
AE-001A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com