Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ0504100ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ0504100ML
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ0504100ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ0504100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ0504100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ0504100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ0504100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ0504100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ0504100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
NAME
PROD.
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
SQ0504□□□□L□-□□□
3). Inductance Test Freq. 100KHz/0.1V
4). Isat base on
L/L0A=10% typ.
△
SMD POWER INDUCTOR
1). □:Packaging information… A:Bulk B:Taping reel
AE-001A
5). Irms base on Temp. rise 40
typ.
℃
100K
DWG No.
SQ05042R2ML□
SQ05043R3ML□
SQ05044R7ML□
SQ0504100ML□
SQ0504220ML□
SQ0504330ML□
SQ0504470ML□
SQ0504101KL□
SQ0504221KL□
SQ0504331KL□
SQ0504471KL□
Inductance
(uH)
Q
ref.
2.2 ±20%
3.3 ±20%
4.7 ±20%
10.0 ±20%
22.0 ±20%
33.0 ±20%
47.0 ±20%
100.0 ±10%
220.0 ±10%
330.0 ±10%
470.0 ±10%
35
32
25
32
30
28
26
40
40
40
40
Test Freq.(Hz)
L
Q
7.96M
796K
SRF
(MHz)
typ
Irms
(mA)
typ.
Isat
(mA)
typ.
70.0
40.0
30.0
26.0
13.0
10.0
7.0
6.5
4.0
3.5
3.2
2600
2300
2100
950
700
580
430
290
230
200
typ.
max.
RDC(Ω
)
0.032
0.043
0.050
0.250
0.400
0.525
1.000
2.200
3.250 4.050
2.750
1.250
0.660
0.500
0.315
0.068
0.058
0.043
5.200 6.500
1800
800
650
550
370
270
210
170
2400
2000
7.96M
7.96M
2.52M
2.52M
2.52M
2.52M
100K
100K
100K
100K
100K
100K
100K
100K
100K
100K
796K
796K
796K
0.110 0.145
1500
1150
□
□
2). "-
":Reference code
□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com