Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ45321R2M2 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ45321R2M2
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ45321R2M2 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ45321R2M2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ45321R2M2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ45321R2M2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ45321R2M2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ45321R2M2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ45321R2M2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
±10%
120
4.50
1M
5.0
180.00
SQ4532181K2□-□□□
2)."-
":Reference code
1). □:Packaging Information… A:Bulk B:Taping Reel
2200.00
1800.00
1200.00
1500.00
560.00
680.00 ±10%
1000.00 ±10%
820.00
390.00
470.00
330.00
270.00
220.00
AR-001A
SQ4532122K2□-□□□
□□
SQ4532222K2□-□□□
SQ4532182K2□-□□□
SQ4532152K2□-□□□
□
SQ4532561K2□-□□□
SQ4532681K2□-□□□
SQ4532102K2□-□□□
SQ4532821K2□-□□□
SQ4532391K2□-□□□
SQ4532471K2□-□□□
SQ4532331K2□-□□□
SQ4532271K2□-□□□
SQ4532221K2□-□□□
1.5
1.3
1.8
1.6
2.5
2.7
2.0
2.2
3.0
3.3
3.6
4.0
4.5
1K
±10%
±10%
±10%
±10%
1K
1K
1K
±10%
±10%
±10%
±10%
±10%
±10%
±10%
1K
1K
1K
1K
1K
1M
1M
1M
1M
45
30.00
45.00
50.00
37.00
35
30
40
11.80
17.00
25.00
20.50
14.50
6.80
8.20
9.70
5.40
80
65
50
60
70
100
95
90
110
1.20
SMD POWER INDUCTOR
5.60
4.70
68.00
100.00
82.00
15.00
33.00
56.00
47.00
39.00
27.00
18.00
22.00
12.00
10.00
8.20
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
SPECIFICATION FOR APPROVAL
150.00
120.00
( µH )
Inductance
2.70
3.90
3.30
1.00
2.20
1.80
1.50
6.80
SQ45323R9M2□-□□□
SQ4532270K2□-□□□
SQ4532151K2□-□□□
SQ4532390K2□-□□□
SQ4532470K2□-□□□
SQ4532560K2□-□□□
SQ4532680K2□-□□□
SQ4532820K2□-□□□
SQ4532121K2□-□□□
SQ4532101K2□-□□□
SQ4532330K2□-□□□
SQ45326R8M2□-□□□
SQ45328R2M2□-□□□
SQ4532100M2□-□□□
SQ4532120M2□-□□□
SQ4532150M2□-□□□
SQ4532180M2□-□□□
SQ4532220K2□-□□□
SQ45325R6M2□-□□□
SQ45324R7M2□-□□□
SQ45321R2M2□-□□□
SQ45322R7M2□-□□□
SQ45323R3M2□-□□□
SQ45322R2M2□-□□□
SQ45321R8M2□-□□□
SQ45321R5M2□-□□□
DWG No.
SQ45321R0M2□-□□□
PROD.
NAME
REF :
500
±20%
1M
0.38
41.0
8.4
9.3
6.8
7.5
6.2
23.0
19.0
21.0
15.0
12.0
14.0
17.0
10.0
11.0
27.0
5.5
38.0
31.0
33.0
±10%
1M
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
1M
1M
1M
1M
1M
1M
1M
1M
1M
±20%
±20%
±10%
±20%
±20%
±20%
±20%
±20%
±20%
1M
1M
1M
1M
1M
1M
1M
1M
1M
1.10
300
1.90
2.50
3.00
3.70
2.20
1.40
1.70
1.50
1.20
180
160
130
150
170
240
200
220
270
0.56
0.73
0.94
0.82
0.62
0.47
0.56
0.50
0.40
400
360
340
320
380
500
450
450
500
75.0
85.0
100.0
SRF
(MHz)
min.
120.0
53.0
47.0
62.0
Test Freq
±20%
±20%
±20%
±20%
±20%
±20%
±20%
1M
1M
1M
1M
1M
L
1M
1M
( Hz )
ABC'S DWG NO.
ABC'S ITEM NO.
0.30
0.35
0.32
0.30
0.30
max.
0.20
0.20
RDC
( Ω )
500
500
500
500
500
max.
500
500
IDC
(mA)
SQ4532□□□□2□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com