Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR0502152ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SR0502152ML
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR0502152ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SR0502152ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR0502152ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR0502152ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR0502152ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR0502152ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR0502152ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
G.W. (Kg)
Outer : Carton
AR-001A
Q'TY (PCS)
( 3 ) Q'TY & G.W. Per package
Series
SR0502
800
( 2 ) Dimensions
07 - 12
Style
178
A
07 - 12
Style
416
G.W. (gw)
Inner : Reel
32,000
Q'TY (pcs)
User direction of feed
13±0.5
21±0.8
BC
12
D
42 x 41 x 24
Size (cm)
16.6
+0
14
G
-0
50
N
Unit:m/m
16.5
T
SPECIFICATION FOR APPROVAL
Components
ABC'S ITEM NO.
ABC'S DWG NO.
Carrier tape width : D
※
160 m/m min.
End
no component
Leader
P:8 m/m
4 m/m
101
101
101
101
101
G
C
∮
SMD POWER INDUCTOR
2.0±0.5
Ⅵ﹒
PACKAGING INFORMATION
( 1 ) Configuration
NAME
PROD.
REF :
T
Start
no component
Trailer
400 m/m min.
101
Embossed carrier
D
PAGE: 3
Cover tape
SR0502□□□□L□-□□□



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com