Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR0502182ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SR0502182ML
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR0502182ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SR0502182ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR0502182ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR0502182ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR0502182ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR0502182ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR0502182ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
104
3
AR-001A
2
10
2
0
10
1
10
5
3
7
2
10
5
3
2
7
3
3
2
5
7
3
221
DC Current (mA)
1
10
57
5
23
101
2
7102
10
7
35
471
102
222
1). □:Packaging information… A:Bulk B:Taping Reel
@ Inductance VS. DC Current curve
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
270.0±20%
SR0502271ML□-□□□
1500.0±20%
SR0502152ML□-□□□
2)."-
":Reference code
SR0502272ML□-□□□
SR0502222ML□-□□□
SR0502182ML□-□□□
□□□
2700.0±20%
2200.0±20%
1800.0±20%
SR0502471ML□-□□□
SR0502561ML□-□□□
SR0502681ML□-□□□
SR0502821ML□-□□□
SR0502102ML□-□□□
SR0502122ML□-□□□
SR0502331ML□-□□□
SR0502391ML□-□□□
820.0±20%
680.0±20%
1000.0±20%
1200.0±20%
470.0±20%
560.0±20%
390.0±20%
330.0±20%
REF :
NAME
PROD.
SR0502101ML□-□□□
SR0502221ML□-□□□
SR0502151ML□-□□□
SR0502181ML□-□□□
SR0502121ML□-□□□
DWG No.
120.0±20%
220.0±20%
150.0±20%
180.0±20%
( µH )
Inductance
100.0±20%
796K
182
190
3.9
100K/0.1V
30
252K
22.0
40
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
40
40
40
40.0
34.5
28.5
252K
252K
252K
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
42
44
40
35
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
40
32
45
40
12.0
10.5
16.0
18.5
252K
252K
796K
796K
796K
796K
796K
796K
5.4
6.5
8.8
5.0
72
70
60
53
65
62
55
68
85
76
110
97
85
80
105
95
156
125
140
174
148
120
130
165
(mA)max.
T=20
△℃
SR0502□□□□L□-□□□
Test Freq. ( Hz )
27
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
25
32
28
100K/0.1V
ref.
20
Q
L
1.7
796K
796K
796K
796K
2.5
3.2
2.2
max.
( Ω )
RDC
Q
796K
1.5
ABC'S ITEM NO.
ABC'S DWG NO.
(mA)typ.
L/L0A=10%
△
245
252
220
204
237
215
200
232
270
Irms
265
Isat
PAGE: 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com