Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57464 Datasheet(PDF) 2 Page - EPCOS

Part # B57464
Description  NTC thermistors for inrush current limiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57464 Datasheet(HTML) 2 Page - EPCOS

  B57464 Datasheet HTML 1Page - EPCOS B57464 Datasheet HTML 2Page - EPCOS B57464 Datasheet HTML 3Page - EPCOS B57464 Datasheet HTML 4Page - EPCOS B57464 Datasheet HTML 5Page - EPCOS B57464 Datasheet HTML 6Page - EPCOS B57464 Datasheet HTML 7Page - EPCOS B57464 Datasheet HTML 8Page - EPCOS B57464 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1) For details on the capacitance Ctest as well as on the parameters k and n refer to "Application notes", chapters 1.6 and 1.7.
Applications
Switch-mode power supplies
Soft-start motors, e.g. in vacuum cleaners
Features
Useable in series connections
up to 265 VRMS
Coated thermistor disk
Kinked leads of tinned copper wire
High energy absorption capability
Options
Resistance tolerance <20%, alternative lead
configurations and resistance ratings available
on request
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 9 g
General technical data
Climatic category
(IEC 60068-1)
55/170/21
Max. power
(at 25
°C)
Pmax
6.7
W
Resistance tolerance
∆R
R/RR
±20
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 30
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 130
s
Heat capacity
Cth
approx. 3900
mJ/K
Electrical specification and ordering codes
R25
Ω
Imax
(0...65
°C)
A
B25/100
K
Ctest1)
230 V
µF
Ctest1)
110 V
µF
Param.
for R(I)1)
k
Param.
for R(I)1)
n
Ordering code
1
20
2800
2500
10000
0.886
1.30
B57464S0109M000
2
13.5
2900
2500
10000
1.24
1.35
B57464S0209M000
5
9.5
3060
2500
10000
1.62
1.39
B57464S0509M000
10
8.0
3300
2500
10000
1.94
1.42
B57464S0100M000
Inrush current limiters
B57464
ICLs
S464
Page 2 of 15
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com