Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0604100ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SS0604100ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0604100ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SS0604100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0604100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0604100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0604100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0604100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0604100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0604100ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
-(1.0 ~ 5.0)
/ sec max.
℃
Forced Cooling Area
200
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
SS0604□□□□L□-□□□
b﹒Core:Ferrite RI core
e﹒Resistance to solder heat :260℃. 10 secs.
d﹒Operating temp.:-40℃ ~ +105℃
a﹒Temp. rise:40℃ max.
Ⅳ﹒
GENERAL SPECIFICATION :
b﹒Rated current:Base on temp. rise
c﹒Storage temp.:-40℃ ~ +125℃
f﹒Adhesive:Epoxy resin
d﹒Terminal:Cu/Ni/Sn
e﹒Base:LCP E4008
c﹒Wire:Enamelled copper wire (class F)
a﹒Core:Ferrite DR core
g﹒Remark:Products comply with RoHS'
AE-001A
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
200
250
150
100
&
L / LOA=10% max.
△
requirements
100
0
50
50
150
Time ( seconds )
70sec max.
50sec max.
Preheat Area
150 ~ 200
/ 60 ~ 120sec
℃
Temperature
+4.0
/ sec max.
℃
Rising Area
ed
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
Ⅲ﹒
MATERIALS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
SHIELDED SMD
Marking
Inductance Code
NAME
PROD.
REF :
H : 2.5 ref.
E
( PCB Patten )
a
I : 1.5 ref.
H
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
1 0 1
A
POWER INDUCTOR
G : 4.3 ref.
F : 5.0 typ.
D : 0.8
E : 1.6±0.2
C : 4.6±0.3
B : 6.5±0.3
A : 6.5±0.3
+0.2
- 0.3
ABC'S DWG NO.
c
Peak Temperature:
250
260℃
230℃
f
b
PAGE: 1


Similar Part No. - SS0604100ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SS0603100ML ABC-SS0603100ML Datasheet
564Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0603101KL ABC-SS0603101KL Datasheet
564Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0603102KL ABC-SS0603102KL Datasheet
564Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0603150ML ABC-SS0603150ML Datasheet
564Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0603151KL ABC-SS0603151KL Datasheet
564Kb / 7P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SS0604100ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com