Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS08021R2ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SS08021R2ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS08021R2ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SS08021R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS08021R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS08021R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS08021R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS08021R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS08021R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS08021R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS08021R2ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
no compoenet
Style
13 - 16
( 2 ) Dimensions
Series
SS0802
( 3 ) Q'TY & G.W. Per package
200 m/m Min.
( 1 ) Configuration
Ⅷ﹒
PACKAGING INFORMATION:
SHIELDED SMD
AE-001A
End
PROD.
NAME
REF :
22.4
Unit:m/m
User direction of feed
G.W. (gw)
Inner : Reel
Q'TY (pcs)
1,500
460
13 - 16
Style
21±0.8
330
AB
13
C
Outer : Carton
9,000
Q'TY (pcs)
6.5
G.W. (Kg)
Size (cm)
40 x 40 x 24
16
D
18 +0
G
50-0
NT
400 m/m Min.
Cover tape
Trailer
no component
SS0802□□□□L□-□□□
Components
G
P:12 m/m
Leader
100
100
C
∮
4 m/m
100
100
Carrier tape width : D
※
Embossed carrier
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
T
2.0±0.5
POWER INDUCTOR
Start
D
PAGE: 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com