Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0802182ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS0802182ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0802182ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS0802182ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0802182ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0802182ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0802182ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0802182ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0802182ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0802182ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS0802182ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
165
145
7.5
65
1K
0.796
3.600
270.00±20%
SS0802271ML□-□□□
1). □:Packaging information… A:Bulk B:Taping Reel
330.00±20%
390.00±20%
1000.00±20%
820.00±20%
560.00±20%
680.00±20%
470.00±20%
1800.00±20%
1500.00±20%
2700.00±20%
2200.00±20%
3900.00±20%
4700.00±20%
5600.00±20%
3300.00±20%
1200.00±20%
□
□□
AE-001A
SS0802182ML□-□□□
SS0802272ML□-□□□
SS0802222ML□-□□□
SS0802392ML□-□□□
SS0802562ML□-□□□
SS0802472ML□-□□□
SS0802332ML□-□□□
2)."-
":Reference code
SS0802331ML□-□□□
SS0802391ML□-□□□
SS0802102ML□-□□□
SS0802821ML□-□□□
SS0802561ML□-□□□
SS0802681ML□-□□□
SS0802471ML□-□□□
SS0802152ML□-□□□
SS0802122ML□-□□□
1K
110
100
1K
1K
105
95
92
115
90
1K
1K
1K
1K
1.6
0.252
0.252
0.252
1.2
1.0
0.252
0.252
0.252
0.252
2.0
1.8
2.6
2.8
90
80
110
105
105
1K
1K
1K
1K
1K
35
62
85
50
1K
1K
1K
1K
0.252
0.252
0.252
0.796
0.796
3.6
3.0
3.2
4.0
3.8
0.796
0.796
0.796
0.796
5.6
4.2
4.8
6.8
38
48.000
62.000
68.000
28
20
36.500
40.500
26.000
32.000
48
42
55
58
45
25
32
58
52
64
68
14.000
20.500
17.000
8.000
9.500
78
65
72
90
85
4.500
7.200
6.600
4.000
125
100
106
132
86
75
82
95
100
145
115
126
152
POWER INDUCTOR
1.20±20%
Inductance
1.50±20%
( µH )
2.20±20%
3.30±20%
2.70±20%
3.90±20%
5.60±20%
6.80±20%
10.00±20%
8.20±20%
15.00±20%
22.00±20%
27.00±20%
18.00±20%
12.00±20%
47.00±20%
56.00±20%
68.00±20%
39.00±20%
100.00±20%
120.00±20%
150.00±20%
82.00±20%
33.00±20%
4.70±20%
SPECIFICATION FOR APPROVAL
Ⅵ﹒
ELECTRICAL CHARACTERISTICS :
220.00±20%
180.00±20%
SS08025R6ML□-□□□
SS0802390ML□-□□□
SS0802680ML□-□□□
SS0802560ML□-□□□
SS0802470ML□-□□□
SS0802101ML□-□□□
SS0802121ML□-□□□
SS0802151ML□-□□□
SS0802820ML□-□□□
SS0802221ML□-□□□
SS0802181ML□-□□□
SS08026R8ML□-□□□
SS0802100ML□-□□□
SS08028R2ML□-□□□
SS0802180ML□-□□□
SS0802270ML□-□□□
SS0802220ML□-□□□
SS0802150ML□-□□□
SS0802120ML□-□□□
SS0802330ML□-□□□
SS08021R2ML□-□□□
DWG No.
SS08021R5ML□-□□□
SS08023R9ML□-□□□
SS08022R2ML□-□□□
SS08023R3ML□-□□□
SS08022R7ML□-□□□
SS08024R7ML□-□□□
SHIELDED SMD
NAME
PROD.
REF :
0.080
1200
1450
50.0
7.96
18
1K
16.5
2.52
32
1K
65
1K
45
55
45
50
1K
1K
1K
1K
25
22
25
25
1K
1K
1K
1K
11.5
0.796
0.796
0.796
0.796
0.796
9.2
8.8
8.2
10.2
2.52
2.52
2.52
2.52
13.5
13.0
12.0
15.0
22
1K
32
20
20
30
1K
1K
1K
1K
15
25
20
20
1K
1K
1K
1K
30.0
2.52
2.52
2.52
2.52
2.52
22.0
20.0
18.0
28.0
7.96
2.52
2.52
7.96
42.0
36.0
32.0
48.0
0.620
420
380
1.250
230
1.650
2.500
2.000
1.400
185
170
165
210
0.720
0.950
1.100
0.650
330
280
260
350
260
210
190
200
240
360
320
300
390
0.220
600
0.380
0.420
0.500
0.260
480
430
400
560
0.110
0.180
0.145
0.090
820
730
650
1000
650
540
480
440
620
860
770
690
1200
( MHz )
Test Freq.
16
1K
17
16
16
20
1K
1K
1K
1K
Q
20
17
ref.
L
1K
1K
95.0
7.96
7.96
7.96
7.96
7.96
65.0
55.0
60.0
85.0
Q
7.96
7.96
nom.
115.0
140.0
(MHz)
SRF
ABC'S ITEM NO.
ABC'S DWG NO.
2200
0.035
0.065
0.072
0.068
0.040
1800
1300
1500
2100
(mA)max.
T=40
△℃
max.
0.030
0.032
( Ω )
RDC
2600
2400
Irms
2300
2000
1600
1700
2200
2800
2500
(mA)typ.
Isat
SS0802□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com