Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0802272ML Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SS0802272ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0802272ML Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SS0802272ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0802272ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0802272ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0802272ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0802272ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0802272ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0802272ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS0802272ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SHIELDED SMD
AE-001A
PROD.
NAME
REF :
3.0
4
0
___
5
___
___
4
___
1
240
220
94V-0
200
___
130
130
130
130
130
130
220
220
220
130
130
130
E4810
NC , BK
E400(Y)L , E4008L
E4010
NC , BK
NC , BK
94V-0
3.0
3.0
0.30
1.5
0.75
94V-0
94V-0
94V-0
94V-0
3.0
1.5
0.75
0.30
1.5
0.75
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
___
___
130
1
130
130
130
130
130
1
130
130
130
130
0
0
200
130
130
130
200
180
130
1
240
130
130
130
2
3
130
240
220
2
3
___
4
05
___
___
4
___
0
4
4
4
___
___
4
5
___
___
___
___
___
0
4
___
4
4
___
___
4
4
___
___
4
5
___
___
___
___
___
___
___
___
___
___
SS0802□□□□L□-□□□
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
ABC'S ITEM NO.
ABC'S DWG NO.
Elec
130
130
130
220
220
130
130
E4008
E4008 , E400X
NC , WT , BK
NC , BK
Mtl Dsg
Col
3.0
1.5
0.75
0.30
1.5
0.75
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
mm
Min
Thk
Class
UL94
Flame
POWER INDUCTOR
___
I
H
W
___
130
180
200
130
130
130
130
1
130
240
220
130
2
3
130
130
130
2
3
Mech
RTI
Imp
with
Imp
w/o
0
___
4
___
4
4
___
___
___
4
4
___
___
___
4
___
5
___
___
___
___
___
___
___
___
___
___
___
E54705 (M)
H
I
H
A
R
T
V
D
5
4
9
I
C
T
SPECIFICATION FOR APPROVAL
PAGE: 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com