Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0804150ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS0804150ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0804150ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS0804150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0804150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0804150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0804150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0804150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0804150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0804150ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS0804150ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2)."-
":Reference code
1). □:Packaging information… A:Bulk B:Taping Reel
270.0±10%
330.0±10%
390.0±10%
470.0±10%
AE-001A
□
□
SS0804471KL□-□□□
SS0804391KL□-□□□
SS0804331KL□-□□□
SS0804271KL□-□□□
□
1K
1K
1K
1K
50
60
50
55
796K
796K
796K
796K
3.600
4.0
4.5
5.0
5.5
2.800
3.300
2.150
0.16
0.19
0.17
0.22
POWER INDUCTOR
( µH )
12.0±20%
10.0±20%
7.5±20%
5.0±20%
Inductance
22.0±15%
18.0±15%
15.0±20%
47.0±10%
39.0±15%
33.0±15%
27.0±15%
82.0±10%
68.0±10%
56.0±10%
100.0±10%
120.0±10%
150.0±10%
180.0±10%
220.0±10%
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
SPECIFICATION FOR APPROVAL
SS0804150ML□-□□□
SS0804221KL□-□□□
SS0804181KL□-□□□
SS0804151KL□-□□□
SS0804121KL□-□□□
SS0804101KL□-□□□
SS0804820KL□-□□□
SS0804680KL□-□□□
SS0804560KL□-□□□
SS0804470KL□-□□□
SS0804390YL□-□□□
SS0804330YL□-□□□
SS0804270YL□-□□□
SS0804220YL□-□□□
SS0804180YL□-□□□
SS0804120ML□-□□□
SS0804100ML□-□□□
SS08047R5ML□-□□□
SS08045R0ML□-□□□
DWG No.
SHIELDED SMD
NAME
PROD.
REF :
0.170
1.00
25.0
2.520M
38
1K
1K
1K
1K
1K
1K
1K
1K
50
53
53
55
20
22
50
796K
796K
796K
796K
2.520M
2.520M
796K
1K
1K
1K
1K
1K
1K
1K
26
24
26
24
30
35
28
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
1.000
8.5
6.0
5.5
7.0
1.450
1.900
1.300
10.0
9.0
11.0
0.800
0.950
0.700
0.35
0.28
0.24
0.30
0.40
0.37
0.45
0.300
17.0
14.0
12.0
16.0
0.460
0.600
0.380
22.0
18.0
23.0
0.250
0.270
0.190
0.65
0.55
0.50
0.60
0.80
0.70
0.90
( MHz )
L
1K
1K
1K
1K
Test Freq. ( Hz )
20
38
38
ref.
Q
20
7.960M
2.520M
2.520M
7.960M
Q
ABC'S DWG NO.
ABC'S ITEM NO.
40.0
28.0
32.0
0.150
0.120
0.100
nom.
45.0
SRF
max.
( Ω )
0.080
RDC
1.10
1.20
1.40
( A )
max.
1.70
IDC
SS0804□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com