Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR08052R5ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SR08052R5ML
Description  SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SR08052R5ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SR08052R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SR08052R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SR08052R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SR08052R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SR08052R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SR08052R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SR08052R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SR08052R5ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
a
e﹒Resistance to solder heat:260℃.10 secs.
b﹒Rated current:Base on temp. rise
a﹒Temp. rise :40℃ max.
c﹒Storage temp.:-40℃ ----+125℃
d﹒Operating temp.:-40℃----+105℃
c﹒Terminal:Ag/Ni/Sn
b﹒Wire :Enamelled copper wire ( class F & H )
a﹒Core:Ferrite DR core
Ⅳ﹒GENERAL SPECIFICATION:
Ⅲ﹒MATERIALS:
d﹒Remark:Products comply with RoHS'
AR-001A
Temperature
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
+4.0
/ sec max.
℃
Rising Area
&
L / L0A=10% max.
△
100
0
50
150
250
200
requirements
260℃
Time ( seconds )
50
100
150
200
250
70sec max.
50sec max.
230℃
/ sec max.
+2.0 ~ 4.0℃
Reflow Area
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
c
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
℃
Peak Temperature:
b
REF : 20090505-B
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
& Inductance code
Dot is start winding
Marking
NAME
PROD.
F
:
2.4 ref.
m/m
A
C
( PCB Pattern )
D
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
101
SMD POWER INDUCTOR
C
:
2.6 ref.
D
:
8.0 ref.
E
:
7.8 ref.
B
:
5.0±0.3
A
:
7.5±0.3
m/m
m/m
m/m
m/m
m/m
SR0805□□□□L□-□□□
PAGE: 1


Similar Part No. - SR08052R5ML

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
SURGE CHIP RESISTORS
SR0805DK-07100KL YAGEO-SR0805DK-07100KL Datasheet
714Kb / 9P
SURGE CHIP RESISTORS
SR0805DK-07100RL YAGEO-SR0805DK-07100RL Datasheet
714Kb / 9P
SURGE CHIP RESISTORS
SR0805DK-0710KL YAGEO-SR0805DK-0710KL Datasheet
714Kb / 9P
SURGE CHIP RESISTORS
SR0805DK-0710RL YAGEO-SR0805DK-0710RL Datasheet
714Kb / 9P
SURGE CHIP RESISTORS
More results

Similar Description - SR08052R5ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com