Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1004680YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS1004680YL
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS1004680YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS1004680YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS1004680YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS1004680YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS1004680YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS1004680YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS1004680YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
152
3
AE-001A
5
DC Current (mA)
2
2
2
101
100
7
5
3
101
10
7
5
33
2
2
100
5
3
7
2
10
5
2
3
10
7
330
101
471
10
2
7103
7
5
3
4
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
POWER INDUCTOR
4). Irms Base on temp.rise 40
typ
℃
5). Isat Base on
L/L0A=25 % typ
△
3).Inductance test freq : 100KHz / 0.1V
1). □:Packaging information… A:Bulk B:Taping Reel
2)."-
":Reference code
□□
□
SHIELDED SMD
NAME
PROD.
REF :
@ Inductance VS. DC Current Curve
4
10
3
2
7
5
ABC'S DWG NO.
ABC'S ITEM NO.
SS1004□□□□L□-□□□
PAGE: 2
680±10%
1500±10%
1000±10%
150±15%
68±15%
100±15%
220±15%
330±15%
470±10%
47±15%
10±20%
Inductance
33±20%
22±20%
15±20%
( µH )
SS1004680YL□-□□□
SS1004681KL□-□□□
SS1004152KL□-□□□
SS1004102KL□-□□□
SS1004151YL□-□□□
SS1004221YL□-□□□
SS1004331YL□-□□□
SS1004471KL□-□□□
SS1004101YL□-□□□
SS1004470YL□-□□□
SS1004100ML□-□□□
SS1004330ML□-□□□
SS1004150ML□-□□□
SS1004220ML□-□□□
DWG No.
100K
1.20
0.180
1.50
10.9
2.520M
26
2.7
2.1
4.8
5.5
3.6
6.5
9.0
1.8
100K
100K
100K
100K
100K
100K
100K
100K
25
24
65
30
75
32
28
33
0.796M
0.796M
0.252M
0.796M
0.252M
0.796M
0.796M
0.796M
0.54
0.800
1.680
4.000
2.650
1.200
0.22
0.32
0.38
0.47
0.420
0.590
0.270
0.78
0.65
1.00
0.60
0.26
0.35
0.42
0.50
0.90
0.72
1.10
SRF
typ.
( MHz )
12.0
26.0
15.0
20.0
30.0
Test Freq.(Hz)
100K
100K
100K
100K
100K
L
35
30
30
28
Q
ref.
26
2.520M
2.520M
2.520M
2.520M
Q
2.520M
2.40
0.058
0.132
0.065
0.095
1.60
1.40
2.10
0.035
max.
RDC
( Ω )
( A )
3.00
Isat
2.70
2.00
1.80
2.50
( A )
3.50
Irms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com