Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1003221ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SS1003221ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS1003221ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SS1003221ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS1003221ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS1003221ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS1003221ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS1003221ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS1003221ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS1003221ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS1003221ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SHIELDED SMD
( 1 ) Configuration
Ⅶ﹒PACKAGING INFORMATION:
Leader
no component
( 2 ) Dimensions
( 3 ) Q'TY & G.W. Per package
200 m/m Min.
AR-001A
SS1003
Series
13 - 24
Style
End
REF :
NAME
PROD.
Unit:m/m
User direction of feed
Q'TY (pcs)
4,000
Inner : Reel
1,000
G.W. (gw)
Q'TY (pcs)
1,000
Style
13 - 24
21±0.8
330
A
BC
13
Outer : Carton
G.W. (Kg)
6.2
40 x 40 x 24
Size (cm)
24
D
26
+0
G
50
-0
N
30.4
T
SS1003□□□□L□-□□□
Cover tape
D
400 m/m Min.
4 m/m
COMPONENTS
P:16 m/m
101
101
101
C
∮
G
101
101
no component
Trailer
Embossed carrier
Carrier tape width : D
※
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
2.0±0.5
T
POWER INDUCTOR
Start
PAGE: 4
20090626-A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com