Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B59053 Datasheet(PDF) 2 Page - EPCOS

Part # B59053
Description  PTC thermistors as heating elements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59053 Datasheet(HTML) 2 Page - EPCOS

  B59053 Datasheet HTML 1Page - EPCOS B59053 Datasheet HTML 2Page - EPCOS B59053 Datasheet HTML 3Page - EPCOS B59053 Datasheet HTML 4Page - EPCOS B59053 Datasheet HTML 5Page - EPCOS B59053 Datasheet HTML 6Page - EPCOS B59053 Datasheet HTML 7Page - EPCOS B59053 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1) Measured between points
Applications
Home appliances
doorlock for washing machines
thermal actuators
insecticide and perfume vaporizers
Features
Silver metallization
For clamp contacting, not suitable for
soldering
Self-regulating
UL approval for Tref = 110
°C and 220 °C to
UL 1434 (file number E69802)
with Vmax = 140 V and VR = 120 V
RoHS-compatible
Options
Other dimensions and ratings on request
Delivery mode
Packed in blister trays
Dimensional drawing
Dimensions in mm
General technical data
Max. operating voltage
Vmax
265
V AC
Rated voltage
VR
230
V AC
Breakdown voltage
(TA = 25
°C)
VBD
500
V
Curvature
< 0.2
mm
Operating temperature range
(V = 0)
Top
40/+200
°C
Operating temperature range
(V = VR)
Top
40/+100
°C
Tolerance of RR
∆R
R
±35
%
Electrical specifications and ordering codes
Tref
(typ.)
°C
Rmin
(V = VR)
Ω
Tsurf 1)
(V = VR)
°C
RR
(Vmeas
≤ 1.5 V)
Ω
Ordering code
110
960
135
4200
B59053A0110A010
130
840
155
4200
B59053A0130A010
150
700
170
4200
B59053A0150A010
180
530
200
4200
B59053A0180A010
220
640
235
6000
B59053A0220A010
Heating elements
Metallized round disks, 230 V
A53
Page 2 of 8
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com