Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12062R5ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SS12062R5ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS12062R5ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SS12062R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS12062R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS12062R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS12062R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS12062R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS12062R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS12062R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS12062R5ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5
331K
10
DC Current (mA)
AE-001A
101
100
101
23 5
2
3
7
5
2
710
2
5
37
7
2
5
3
2
102
3
102K
2
3
310
7
5
4
2R5M
100M
101Y
10
DC Current (mA)
@ Inductance VS. DC Current Curve
@ DC Current VS. Temp. Rise Curve
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
101
102
2R5
2
103
7
101
100
5
3
22
2
710
7
5
3
1
5
3
7
10
100
3
2
7
5
POWER INDUCTOR
SHIELDED SMD
Ⅵ﹒
CURVE:
NAME
PROD.
REF :
7
2
5
3
331
103
102
3
2
34
710
5
PAGE: 3
SS1206□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com