Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0805560KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS0805560KL
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0805560KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS0805560KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0805560KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0805560KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0805560KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0805560KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0805560KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0805560KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS0805560KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
0.35
1.050
4.80
0.796M
1K
41
180.0±10%
SS0805181KL□-□□□
470.0±10%
330.0±10%
270.0±10%
220.0±10%
1000.0±10%
820.0±10%
680.0±10%
560.0±10%
2)."-
":Reference code
1). □:Packaging information… A:Bulk B:Taping Reel
AE-001A
SS0805821KL□-□□□
SS0805102KL□-□□□
□
□ □
SS0805471KL□-□□□
SS0805331KL□-□□□
SS0805271KL□-□□□
SS0805221KL□-□□□
SS0805681KL□-□□□
SS0805561KL□-□□□
0.796M
1K
35
1K
35
0.252M
1K
1K
1K
1K
1K
1K
36
34
32
32
37
38
0.796M
0.796M
0.796M
0.796M
0.796M
0.796M
0.16
4.000
2.50
2.20
5.000
0.15
1.800
3.80
3.00
2.80
3.50
3.000
3.400
2.250
4.20
4.50
1.400
1.180
0.24
0.18
0.17
0.20
0.27
0.30
150.0±10%
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
2.2±20%
( µH )
5.6±20%
8.2±20%
3.9±20%
Inductance
10.0±20%
12.0±20%
15.0±20%
18.0±15%
27.0±15%
33.0±15%
39.0±15%
22.0±15%
68.0±10%
82.0±10%
47.0±15%
56.0±10%
100.0±10%
120.0±10%
POWER INDUCTOR
SPECIFICATION FOR APPROVAL
SS0805151KL□-□□□
SS0805121KL□-□□□
SS0805101KL□-□□□
SS0805820KL□-□□□
SS0805680KL□-□□□
SS0805560KL□-□□□
SS0805470YL□-□□□
SS0805390YL□-□□□
SS0805330YL□-□□□
SS0805270YL□-□□□
SS0805220YL□-□□□
SS0805180YL□-□□□
SS0805150ML□-□□□
SS0805120ML□-□□□
SS0805100ML□-□□□
SS08058R2ML□-□□□
SS08055R6ML□-□□□
SS08053R9ML□-□□□
DWG No.
SS08052R2ML□-□□□
SHIELDED SMD
NAME
RPOD.
REF :
1K
1K
1K
1K
1K
1K
1K
28
39
45
42
32
28
30
2.520M
0.796M
0.796M
0.796M
2.520M
2.520M
2.520M
1K
1K
1K
1K
1K
1K
1K
38
35
40
35
40
40
40
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
0.550
8.50
7.00
6.50
7.50
0.750
0.900
0.600
9.50
9.00
10.50
0.380
0.440
0.280
0.54
0.45
0.40
0.50
0.68
0.60
0.75
0.180
17.00
13.50
12.00
15.50
0.240
0.260
0.200
22.00
19.00
24.00
0.140
0.160
0.120
1.10
0.92
0.84
1.00
1.30
1.20
1.40
( MHz )
1K
L
1K
1K
1K
1K
Test Freq. ( Hz )
20
20
40
19
Q
18
ref.
7.960M
2.520M
7.960M
7.960M
7.960M
Q
ABC'S DWG NO.
ABC'S ITEM NO.
0.055
50.00
28.00
32.00
40.00
0.100
0.080
0.065
nom
75.00
SRF
max
0.040
( Ω )
RDC
2.10
1.75
1.50
1.95
max
2.50
IDC
( A )
SS0805□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com