Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1004331YL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SS1004331YL
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS1004331YL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SS1004331YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS1004331YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS1004331YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS1004331YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS1004331YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS1004331YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
User direction of feed
AE-001A
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
Series
SS1004
( 2 ) Dimensions
Style
13 - 24
G.W. (gw)
800
1050
Inner : Reel
13 - 24
Style
3200
Q'TY (pcs)
21±0.8
A
330
BC
13±0.5
D
24
Size (cm)
40 x 40 x 24
G.W. (Kg)
4.2
Outer : Carton
-0
G
26
+0
N
50
Unit:m/m
30.4
T
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Components
100
no component
200 m/m Min.
End
Leader
P:16 m/m
4 m/m
100
100
100
C
∮
G
( 1 ) Configuration
Ⅵ﹒
PACKAGING INFORMATION:
SHIELDED SMD
NAME
PROD.
REF :
2.0±0.5
T
POWER INDUCTOR
Start
no component
400 m/m Min.
100
Trailer
Carrier tape width : D
※
Embossed carrier
D
PAGE: 3
Cover tape
SS1004□□□□L□-□□□



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com