Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0805330YL Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SS0805330YL
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0805330YL Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SS0805330YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0805330YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0805330YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0805330YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0805330YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0805330YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0805330YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS0805330YL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SHIELDED SMD
AE-001A
NAME
PROD.
REF :
4
5
___
___
0
___
4
___
1
___
240
200
3.0
94V-0
220
130
130
130
130
130
130
130
130
130
220
220
220
E4810
NC , BK
E400(Y)L , E4008L
E4010
NC , BK
NC , BK
3.0
94V-0
94V-0
94V-0
94V-0
94V-0
3.0
0.30
1.5
0.75
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
3.0
0.30
1.5
0.75
0.30
1.5
0.75
___
___
1
130
130
130
130
130
130
1
130
130
130
130
0
0
200
130
130
130
130
200
180
1
240
130
130
130
2
3
130
240
220
2
3
4
5
___
___
0
___
4
___
0
4
4
4
___
___
4
5
___
___
___
___
0
___
4
___
4
4
___
___
4
4
___
___
4
5
___
___
___
___
___
___
___
___
___
___
SS0805□□□□L□-□□□
130
Elec
130
130
130
130
220
220
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
ABC'S DWG NO.
ABC'S ITEM NO.
E4008
E4008 , E400X
NC , WT , BK
NC , BK
Mtl Dsg
Col
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
3.0
0.30
1.5
0.75
0.75
1.5
0.30
Flame
Min
mm
Thk
UL94
Class
POWER INDUCTOR
H
___
___
W
130
130
200
180
130
130
130
1
130
130
240
220
2
3
130
130
130
2
3
Mech
RTI
Imp
with
Imp
w/o
I
0
4
___
4
4
___
___
___
___
4
4
___
___
___
4
5
___
___
___
___
___
___
___
___
___
___
___
___
E54705 (M)
H
H
I
A
V
R
T
D
4
5
9
C
I
T
SPECIFICATION FOR APPROVAL
PAGE: 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com