Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65513 Datasheet(PDF) 2 Page - EPCOS

Part # B65513
Description  Ferrites and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65513 Datasheet(HTML) 2 Page - EPCOS

  B65513 Datasheet HTML 1Page - EPCOS B65513 Datasheet HTML 2Page - EPCOS B65513 Datasheet HTML 3Page - EPCOS B65513 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
12/06
Please read Cautions and warnings and
Important notes at the end of this document.
■
To IEC 62317-9
■
For transformers featuring high inductance
and low overall height
■
Delivery mode: sets
Magnetic characteristics (per set)
Σl/A= 1.1 mm–1
le
= 19 mm
Ae = 17.6 mm2
Ve = 333 mm3
Approx. weight 1.8 g/set
Ungapped
Material
AL value
nH
μe
Ordering code
N49
1100 +30/–20%
800
B65513J0000R049
N92
1100 +30/–20%
970
B65513J0000R092
N87
1500 +30/–20%
1250
B65513J0000R087
N97
1500 +30/–20%
1290
B65513J0000R097
FEK0420
4.7±0.1
11.8±0.2
14.5±0.2
B65513
Planar core
ER 14.5/6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com