Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0802221ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SS0802221ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0802221ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SS0802221ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0802221ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0802221ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0802221ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0802221ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0802221ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0802221ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS0802221ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
A : 7.80±0.5
B : 7.50±0.3
C : 2.45±0.3
E : 3.50±0.2
SS0802□□□□L□-□□□
F :
5.8 ref.
G :
8.6 ref.
I :
1.4 ref.
H :
4.8 ref.
J :
1.4 ref.
K :
2.0 ref.
+2.0 ~ 4.0℃
/ sec max.
SPECIFICATION FOR APPROVAL
Time ( seconds )
Reflow Area
Ⅳ﹒
MATERIALS:
Ⅴ﹒
GENERAL SPECIFICATION:
AE-001A
b﹒Rated current:Current cause inductance
e﹒Resistance to solder heat:260℃.10 secs.
b﹒Wire:Enamelled copper wire (class F)
e﹒Remark:Products comply with RoHS'
d﹒Operating temp.:-40℃----+85℃
c﹒Storage temp.:-40℃ ----+105℃
a﹒Temp. rise :40℃ max.
drop within 10% typ.
c﹒Terminal:Phosphor bronze
d﹒Encapsulate:Epoxy resin
requirements
a﹒Core:Ferrite
50
0
50
100
200
150
250
100
150
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Temperature
Rising Area
+4.0
/ sec max.
℃
Preheat Area
150 ~ 200
/ 60 ~ 120sec
℃
c
PROD.
NAME
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
REF :
F
G
2
2
1
3
8R2M~562M
3
1R2M~6R8M
4
Ⅲ﹒
TEST CIRCUIT:
2
1
2
8R2M~562M
3
1R2M~6R8M
4
3
( PCB Pattern )
J
8R2M~562M
POWER INDUCTOR
A
3
4
2
1
SHIELDED SMD
G
1R2M~6R8M
F
ABC'S DWG NO.
ABC'S ITEM NO.
Peak Temperature:
200
250
260℃
70sec max.
50sec max.
230℃
-(1.0 ~ 5.0)
/ sec max.
℃
Forced Cooling Area
b
a
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SS0802221ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SS0804100ML ABC-SS0804100ML Datasheet
604Kb / 8P
SHIELDED SMD POWER INDUCTOR
SS0804101KL ABC-SS0804101KL Datasheet
604Kb / 8P
SHIELDED SMD POWER INDUCTOR
SS0804120ML ABC-SS0804120ML Datasheet
604Kb / 8P
SHIELDED SMD POWER INDUCTOR
SS0804121KL ABC-SS0804121KL Datasheet
604Kb / 8P
SHIELDED SMD POWER INDUCTOR
SS0804150ML ABC-SS0804150ML Datasheet
604Kb / 8P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SS0802221ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com