Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1307100ML Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # SS1307100ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS1307100ML Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  SS1307100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS1307100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS1307100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS1307100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS1307100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS1307100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SS1307□□□□L□-□□□
85±2 ℃
30 minutes
30 minutes
-25±2 ℃
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Thermal shock test
( Temp. cycle )
Resistance test
High temp.
Resistance test
AE-001A
Humidity
Applied current : Per spec.
Time : 500 hours
Temperature : 105±2℃
not change more
Inductance shall
than ±20%
Applied current : Per spec.
Temperature : 40±2℃
Humidity : 90 ~ 95%
Time : 500 hours
Total : 50 cycles
Room temp.
15 minutes
15 minutes
Room temp.
Ⅷ﹒
RELIABILITY TEST:
Test item
Solderability
SHIELDED SMD POWER INDUCTOR
NAME
PROD.
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
With fresh solder.
More than 90% of the
Shall be covered
terminal electrode
Specification
Preheat : 150±25
for 60 seconds
℃
Solder temp. : 235±5℃
Dip time : 4±1 seconds
Flux : Rosin
Test condition
SPECIFICATION FOR APPROVAL
PAGE: 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com