Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1806100ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS1806100ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS1806100ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS1806100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS1806100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS1806100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS1806100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS1806100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS1806100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS1806100ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
0.01
AE-001A
1
10
100
1000
DC Current ( A )
0.1
100
1
331
101
330
102
10
@ Inductance VS. DC Superposition Characteristics
2)."-
":Reference code
1). □:Packaging information… A:Bulk B:Taping Reel
POWER INDUCTOR
5). Inductance test condition 100KHz/0.1V
4). Isat Base on
L/L0A=10% typ.
△
3). Irms Base on
T=40
typ.
△℃
100K/0.1V
10.0±20%
Inductance
( µH )
33.0±20%
22.0±20%
47.0±20%
15.0±20%
100.0±20%
150.0±20%
330.0±20%
220.0±20%
1000.0±20%
470.0±20%
680.0±20%
68.0±20%
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
□
□ □
10000
SS1806151ML□-□□□
SS1806101ML□-□□□
SS1806102ML□-□□□
SS1806681ML□-□□□
SS1806471ML□-□□□
SS1806331ML□-□□□
SS1806221ML□-□□□
DWG No.
SS1806100ML□-□□□
SS1806150ML□-□□□
SS1806330ML□-□□□
SS1806220ML□-□□□
SS1806470ML□-□□□
SS1806680ML□-□□□
SHIELDED SMD
PROD.
NAME
REF :
27
46
19
29
30
39
40
2.4
0.796M
0.252M
0.796M
1.5
2.1
0.796M
0.796M
0.796M
0.796M
3.5
3.0
4.3
4.6
1.150
0.64
2.450
1.700
0.45
0.54
0.920
0.600
0.320
0.500
1.00
0.80
1.30
1.05
1.30
0.90
1.10
1.90
1.40
2.60
2.30
53
44
37
40
51
ref.
56
Q
17.5
2.52M
2.52M
2.52M
2.52M
2.52M
10.0
6.0
8.0
16.0
( Hz )
2.52M
typ
19.0
(MHz)
SRF
ABC'S DWG NO.
ABC'S ITEM NO.
0.052
3.60
0.100
0.130
0.200
0.070
2.50
2.00
1.60
3.00
max
0.040
RDC
( Ω )
(A)
4.00
Irms
7.20
5.00
4.20
3.40
6.20
(A)
8.20
Isat
SS1806□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com