Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS10032R2ML Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SS10032R2ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS10032R2ML Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SS10032R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS10032R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS10032R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS10032R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS10032R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS10032R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS10032R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS10032R2ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Mtl Dsg
E4008 , E400X
E4010
E400(Y)L , E4008L
E4810
E4008
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
SHIELDED SMD
AR-001A
NAME
PROD.
REF :
200
1.5
94V-0
2204
2
240
3.0
0.30
3.0
1.5
0.75
0.30
0.30
1.5
3.0
0.75
1.5
3.0
0.75
NC , BK
NC , BK
NC , BK
94V-0
130
94V-0
94V-0
94V-0
94V-0
130
130
130
130
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
220
130
130
130
220
220
220
130
___
4
___
4
4
4
___
4
4
4
4
4
4
1
130
130
130
130
130
130
130
130
130
130
1
___
0
0
130
130
130
240
130
240
220
240
200
130
130
130
200
180
200
130
1
___
2
3
___
1
3
2
4
5
0
___
___
___
5
0
___
___
___
4
___
___
___
___
___
___
___
___
___
5
0
___
___
___
___
0
___
___
5
4
___
___
___
___
4
___
___
SS1003□□□□L□-□□□
ABC'S DWG NO.
ABC'S ITEM NO.
0.75
0.30
Min
mm
3.0
1.5
0.75
0.30
Thk
NC , WT , BK
NC , BK
Col
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
130
220
130
130
130
130
UL94
Class
Flame
Elec
POWER INDUCTOR
H
___
___
4
4
4
A
4
130
130
130
130
130
220
130
180
130
130
130
130
2
___
1
3
___
3
Imp
w/o
RTI
Mech
Imp
with
H
I
W
___
___
___
___
___
___
___
___
0
___
5
___
___
___
___
___
4
___
___
___
___
E54705 (M)
D
H
V
R
T
I
4
5
9
C
I
T
SPECIFICATION FOR APPROVAL
PAGE: 8
20090626-A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com