Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0906150ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SS0906150ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0906150ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SS0906150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0906150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0906150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0906150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0906150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0906150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0906150ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
150
Time ( seconds )
Reflow Area
SS0906□□□□L□-□□□
W : 0.6 typ.
F' : 12.7±0.8
F : 11.0±0.5
E : 2.5±0.3
C : 6.0±0.3
B : 10.5 max.
A : 9.5±0.3
14.7
10.3
.
SDS0906 Series
( PCB Pattern )
SPECIFICATION FOR APPROVAL
Ⅲ﹒
MATERIALS:
AE-001A
Ⅳ﹒
GENERAL SPECIFICATION:
g﹒Remark:Products comply with RoHS'
&
L / LOA=10% max.
△
e﹒Resistance to solder heat:260℃. 10 secs.
c﹒Wire :Enamelled copper wire ( class F )
d﹒Operating temp.:-40℃----+105℃
c﹒Storage temp.:-40℃ ----+125℃
b﹒Rated current :Base on temp. rise
a﹒Temp. rise :40℃ max.
requirements
f﹒Adhesive:Epoxy resin
e﹒Terminal:Cu/Ni/Sn
b﹒Core:Ferrite RI core
a﹒Core:Ferrite DR core
d﹒Base:LCP
100
50
0
200
150
250
100
50
+4.0
/ sec max.
℃
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
Temperature
Rising Area
Preheat Area
150 ~ 200
/ 60 ~ 120sec
℃
& Inductance code
Marking
Dot is start winding
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
NAME
PROD.
REF :
3.0
.SDS0906 Series
1
4
F '
F
a
2.2
POWER INDUCTOR
4
1
5
A
101
8
SHIELDED SMD
ABC'S ITEM NO.
ABC'S DWG NO.
c
260℃
200
250
70sec max.
50sec max.
230℃
-(1.0 ~ 5.0)
/ sec max.
℃
Forced Cooling Area
Peak Temperature:
+2.0 ~ 4.0℃
/ sec max.
f
e
d
m/m
b
2.2
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SS0906150ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SS0908100ML ABC-SS0908100ML Datasheet
555Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0908101YL ABC-SS0908101YL Datasheet
555Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0908102YL ABC-SS0908102YL Datasheet
555Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0908103YL ABC-SS0908103YL Datasheet
555Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS0908120ML ABC-SS0908120ML Datasheet
555Kb / 7P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SS0906150ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com