Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1806102ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SS1806102ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS1806102ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SS1806102ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS1806102ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS1806102ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS1806102ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS1806102ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS1806102ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS1806102ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
User direction of feed
AE-001A
3. Q'TY & G.W. Per package :
250
Q'TY (pcs)
2. Dimensions : (m/m)
330
A
Series
SS1806
13 - 32
Style
1250
G.W. (gw)
Inner : Reel
13 - 32
Style
1000
Q'TY (pcs)
21±0.8
B
13±0.5
C
32
D
40 x 40 x 24
Size (cm)
6.8
G.W. (kg)
Outer : Carton
26 +0
G
50 -0
N
38.4
T
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
Components
200 m/m Min.
no component
End
Leader
P:20 m/m
4 m/m
100
100
100
100
C
∮
G
Ⅵ﹒
PACKAGING INFORMATION:
SHIELDED SMD
1. Configuration :
PROD.
NAME
REF :
2.0±0.5
T
POWER INDUCTOR
Start
400 m/m Min.
no component
100
Trailer
※
Carrier tape width:D
Emobossed carrier
PAGE: 3
Cover tape
SS1806□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com