Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS60281R0ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SS60281R0ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS60281R0ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SS60281R0ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS60281R0ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS60281R0ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS60281R0ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS60281R0ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS60281R0ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS60281R0ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
94V-0
200
220
240
24
1.5
AR-001A
NC , BK
NC , BK
NC , BK
E4810
E400(Y)L , E4008L
E4010
94V-0
1.5
3.0
0.75
0.30
3.0
1.5
94V-0
94V-0
94V-0
94V-0
94V-0
1.5
3.0
0.75
0.30
0.30
0.75
3.0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
130
220
220
130
130
220
220
130
200
240
200
130
130
240
130
130
130
180
200
240
220
130
___
___
___
___
___
___
___
___
___
24
4
1
___
0
1
0
___
4
4
4
5
0
___
___
___
___
___
___
05
24
___
1
3
___
4
4
___
1
3
___
4
4
___
___
___
___
___
___
05
___
___
___
___
___
0
___
5
4
4
4
4
SPECIFICATION FOR APPROVAL
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
SHIELDED SMD POWER INDUCTOR
NC , WT , BK
NC , BK
Mtl Dsg
E4008
E4008 , E400X
NAME
PROD.
Class
Col
mm
1.5
3.0
0.30
0.75
0.75
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
Min
Thk
UL94
Flame
Imp
Imp
130
130
130
220
130
130
130
130
130
130
180
130
220
130
130
130
130
130
with
RTI
Elec
Mech
w/o
ABC'S DWG NO.
ABC'S ITEM NO.
REF : 20081111-B
E54705 (M)
C
T
___
___
___
___
___
___
R5
II
24
___
1
3
___
4
4
___
3
___
4
___
___
___
___
0
___
___
5
___
___
___
___
___
___
H
W
H
A
H
T
V4
9
D
I
4
SS6028□□□□L□-□□□
PAGE: 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com