Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS0906220ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS0906220ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0906220ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS0906220ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0906220ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0906220ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0906220ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0906220ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0906220ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0906220ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
0.35
1.600
4.0
0.796M
1K
40
470.00±15%
SS0906471YL□-□□□
1). □:Packaging information… A:Bulk B:Taping Reel
2)."-
":Reference code
680.00±15%
1000.00±15%
820.00±15%
1500.00±15%
2700.00±15%
2200.00±15%
1800.00±15%
1200.00±15%
560.00±15%
3900.00±15%
3300.00±15%
5600.00±15%
4700.00±15%
8200.00±15%
10000.00±15%
6800.00±15%
AE-001A
SS0906332YL□-□□□
SS0906562YL□-□□□
SS0906472YL□-□□□
SS0906392YL□-□□□
SS0906822YL□-□□□
SS0906103YL□-□□□
SS0906682YL□-□□□
□
□ □
SS0906821YL□-□□□
SS0906102YL□-□□□
SS0906681YL□-□□□
SS0906272YL□-□□□
SS0906222YL□-□□□
SS0906182YL□-□□□
SS0906152YL□-□□□
SS0906122YL□-□□□
SS0906561YL□-□□□
0.252M
1K
100
1K
1K
1K
1K
1K
1K
100
100
100
100
100
100
0.252M
79.60K
0.252M
0.252M
0.252M
0.252M
1K
1K
1K
1K
1K
1K
1K
1K
1K
100
100
100
100
100
100
85
60
60
0.252M
0.252M
0.252M
0.252M
0.252M
0.796M
0.252M
0.796M
0.796M
0.12
11.000
1.3
0.11
0.09
0.10
0.08
0.07
0.09
31.000
0.8
38.000
0.7
16.000
21.000
19.000
24.000
1.0
0.9
0.9
1.2
0.25
0.22
0.23
0.18
0.16
0.14
0.17
0.20
0.28
4.400
2.3
1.5
1.4
2.0
1.7
9.200
8.500
5.200
7.000
2.6
2.3
2.7
3.2
3.500
4.000
3.200
2.700
POWER INDUCTOR
SPECIFICATION FOR APPROVAL
( µH )
Inductance
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
3.50±20%
5.60±20%
6.80±20%
4.70±20%
8.20±20%
10.00±20%
15.00±20%
12.00±20%
22.00±20%
33.00±20%
27.00±20%
56.00±20%
47.00±20%
82.00±20%
68.00±20%
39.00±20%
18.00±20%
2.70±20%
120.00±15%
180.00±15%
150.00±15%
270.00±15%
390.00±15%
330.00±15%
220.00±15%
100.00±15%
SS0906680ML□-□□□
SS0906820ML□-□□□
SS0906181YL□-□□□
SS0906151YL□-□□□
SS0906121YL□-□□□
SS0906391YL□-□□□
SS0906331YL□-□□□
SS0906271YL□-□□□
SS0906221YL□-□□□
SS0906101YL□-□□□
SS0906120ML□-□□□
SS0906150ML□-□□□
SS0906330ML□-□□□
SS0906220ML□-□□□
SS0906270ML□-□□□
SS0906560ML□-□□□
SS0906470ML□-□□□
SS0906390ML□-□□□
SS0906180ML□-□□□
SS09063R5ML□-□□□
SS09064R7ML□-□□□
SS09065R6ML□-□□□
SS09066R8ML□-□□□
SS09068R2ML□-□□□
SS0906100ML□-□□□
SS09062R7ML□-□□□
DWG No.
SHIELDED SMD
PROD.
NAME
REF :
29.0
26.0
19.0
15.0
17.0
12.0
12.0
14.0
22.0
2.520M
1K
40
1K
1K
1K
1K
1K
1K
1K
1K
1K
40
40
40
40
40
40
40
40
40
0.796M
0.796M
0.796M
0.796M
0.796M
2.520M
0.796M
0.796M
0.796M
1K
1K
1K
1K
1K
1K
1K
1K
1K
35
35
35
35
35
35
35
35
35
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
2.520M
0.85
0.350
9.0
0.78
0.65
0.52
0.60
0.44
0.38
0.40
0.48
0.70
0.820
5.5
4.2
4.5
5.0
5.0
1.400
1.300
1.100
1.000
7.0
6.0
8.0
7.5
0.480
0.550
0.370
0.420
1.60
1.70
1.40
1.20
1.30
1.00
0.93
1.10
1.50
0.180
0.300
0.150
0.160
0.110
0.130
0.140
0.100
0.085
( MHz )
nom.
SRF
80.0
38.0
57.0
70.0
30.0
29.0
85.0
L
Test Freq. ( Hz )
1K
1K
1K
1K
1K
1K
1K
23
23
23
35
23
ref.
23
23
Q
7.960M
7.960M
7.960M
7.960M
2.520M
7.960M
7.960M
Q
ABC'S DWG NO.
ABC'S ITEM NO.
( A )
IDC
max
2.90
2.30
2.50
2.70
2.10
1.80
3.20
0.050
0.055
0.080
0.046
0.040
( Ω )
max
0.036
0.032
RDC
SS0906□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com