Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4530472ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SS4530472ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS4530472ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SS4530472ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS4530472ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS4530472ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS4530472ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS4530472ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS4530472ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ⅵ﹒
PACKAGING INFORMATION:
T
G
4 m/m
13
07-12
Style
( 3 ) Q'TY & G.W. Per package
SS4530
Series
G.W. (gw)
Q'TY (pcs)
250
600
Inner : Reel
( 2 ) Dimensions
Style
07-12
BC
A
21±0.8
178
P:8 m/m
C
∮
2.0±0.5
( 1 ) Configuration
Outer : Carton
Q'TY (pcs)
G.W. (Kg)
24,000
8.0
Size (cm)
42 x 41 x 24
G
D
12
14
+0
NT
16.5
50
-0
Unit:m/m
Carrier tape width : D
※
Emobossed carrier
D
Cover tape
SPECIFICATION FOR APPROVAL
REF :
PROD.
NAME
SS4530□□□□L□-□□□
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 3
102
102
102
102
102
102
Start
End
400 m/m Min.
200 m/m Min.
Components
User direction of feed
no component
Leader
no component
Trailer
SHIELDED SMD
POWER INDUCTOR
AE-001A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com