Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6028680ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS6028680ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS6028680ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS6028680ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS6028680ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS6028680ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS6028680ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS6028680ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS6028680ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS6028680ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
0.09
0.11
8.200
1K
1000.0±20%
SS6028102ML□-□□□
4). Irms base on Temp. rise 40
Max.
℃
1). □:Packaging Information… A:Bulk
B:Taping Reel
5). Isat base on
L/L0A=25% Max.
△
AR-001A
2)."-
":Reference code
□
3). L Test Freq.:1KHz / 0.5V
□ □
470.0±20%
680.0±20%
SPECIFICATION FOR APPROVAL
SHIELDED SMD POWER INDUCTOR
10.0±20%
15.0±20%
Inductance
68.0±20%
33.0±20%
47.0±20%
330.0±20%
220.0±20%
150.0±20%
100.0±20%
22.0±20%
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SS6028680ML□-□□□
SS6028681ML□-□□□
SS6028471ML□-□□□
SS6028101ML□-□□□
SS6028151ML□-□□□
SS6028221ML□-□□□
SS6028331ML□-□□□
SS6028470ML□-□□□
SS6028330ML□-□□□
SS6028220ML□-□□□
SS60284R7ML□-□□□
SS60286R8ML□-□□□
SS6028100ML□-□□□
SS6028150ML□-□□□
DWG No.
SS60282R2ML□-□□□
SS60283R3ML□-□□□
SS60281R5ML□-□□□
SS60281R0ML□-□□□
PROD.
NAME
REF : 20081111-B
3.600
5.400
0.050
0.600
0.840
0.280
0.380
0.220
0.105
0.140
1.700
2.450
1.200
0.070
1K
1K
1K
1K
1K
1K
1K
6.8±20%
4.7±20%
1K
1K
1K
1K
1K
1K
1K
0.45
0.38
0.14
0.11
0.31
0.22
0.26
0.17
0.25
0.17
0.13
0.20
0.38
0.30
0.65
0.48
0.55
1.00
1.35
1.20
0.80
1.00
0.80
0.55
0.65
1.80
1.20
1.45
0.022
0.025
0.032
0.044
Test Freq.
1.0±20%
2.2±20%
3.3±20%
1.5±20%
(uH)
1K
1K
1K
1K
(Hz)
(Ω)
max.
RDC
ABC'S DWG NO.
ABC'S ITEM NO.
3.00
2.20
1.55
2.50
Isat
(A)
3.80
3.20
1.92
3.00
(A)
Irms
SS6028□□□□L□-□□□
PAGE: 2
@Inductance VS DC Superposition Characteristics
0.1
1
10
100
1000
0.01
0.1
1
10
DC Current(A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com