Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS60381R0ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SS60381R0ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS60381R0ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SS60381R0ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS60381R0ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS60381R0ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS60381R0ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS60381R0ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS60381R0ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS60381R0ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS60381R0ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
SHIELDED SMD POWER INDUCTOR
Ⅵ﹒PACKAGING INFORMATION:
NAME
PROD.
REF : 20081111-A
PAGE: 3
( 2 ) Dimensions
Style
13 - 16
SS6038
Series
( 3 ) Q'TY & G.W. Per package
Inner : Reel
Q'TY (PCS)
1000
950
G.W. (gw)
13 - 16
Style
A
330
B
21±0.8
C
13±0.5
Unit:m/m
T
22.4
Outer : Carton
G.W. (Kg)
Q'TY (pcs)
6,000
4.2
Size (cm)
40 x 40 x 24
+0
D
16
G
18
N
-0
50
4 m/m
End
P:12 m/m
Start
Components
360 m/m min.
400 m/m min.
User direction of feed
no component
Leadr
Trailer
no component
101
101
101
101
SS6038□□□□L□-□□□
Carrier tape width : D
※
G
C
∮
2.0±0.5
( 1 ) Configuration
T
Embossed carrier
D
Cover tape
AR-001A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com